Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV379IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV379IDBVT
Description  TLVx379 Cost-Optimized, Low-Voltage, 4-μA, Rail-to-Rail I/O Operational Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV379IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV379IDBVT Datasheet HTML 9Page - Texas Instruments TLV379IDBVT Datasheet HTML 10Page - Texas Instruments TLV379IDBVT Datasheet HTML 11Page - Texas Instruments TLV379IDBVT Datasheet HTML 12Page - Texas Instruments TLV379IDBVT Datasheet HTML 13Page - Texas Instruments TLV379IDBVT Datasheet HTML 14Page - Texas Instruments TLV379IDBVT Datasheet HTML 15Page - Texas Instruments TLV379IDBVT Datasheet HTML 16Page - Texas Instruments TLV379IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
R
IN
TLV379
V
IN
V
OUT
R
F
C
FB
C
IN
10
to
W
20 W
TLV379
V
S
V
IN
V
OUT
R
S
R
L
C
L
13
TLV379, TLV2379, TLV4379
www.ti.com
SBOS785B – APRIL 2016 – REVISED AUGUST 2017
Product Folder Links: TLV379 TLV2379 TLV4379
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 Rail-to-Rail Output
Designed as a micropower, low-noise operational amplifier, the TLV379 delivers a robust output drive capability.
A class AB output stage with common-source transistors is used to achieve full rail-to-rail output swing capability.
For resistive loads up to 25 kΩ, the output typically swings to within 5 mV of either supply rail, regardless of the
power-supply voltage applied.
8.3.4 Capacitive Load and Stability
Follower configurations with load capacitance in excess of 30 pF can produce extra overshoot (see the typical
characteristic graph, Small-Signal Overshoot vs Capacitive Load, Figure 11) and ringing in the output signal.
Increasing the gain enhances the ability of the amplifier to drive greater capacitive loads. In unity-gain
configurations, capacitive load drive can be improved by inserting a small (10
Ω to 20 Ω) resistor, RS, in series
with the output as shown in Figure 14. This resistor significantly reduces ringing and maintains direct current (dc)
performance for purely capacitive loads. However, if a resistive load is in parallel with the capacitive load, a
voltage divider is created, introducing a dc error at the output and slightly reducing the output swing. The error
introduced is proportional to the ratio of RS / RL and is generally negligible.
Figure 14. Series Resistor in Unity-Gain Buffer Configuration Improves Capacitive Load Drive
In unity-gain inverter configuration, phase margin can be reduced by the reaction between the capacitance at the
operational amplifier (op amp) input and the gain-setting resistors. Best performance is achieved by using
smaller-value resistors. However, when large-value resistors cannot be avoided, a small (4 pF to 6 pF) capacitor
(CFB) can be inserted in the feedback, as shown in Figure 15. This configuration significantly reduces overshoot
by compensating the effect of capacitance (CIN) that includes the amplifier input capacitance (3 pF) and printed
circuit board (PCB) parasitic capacitance.
Figure 15. Improving Stability for Large RF and RIN
8.4 Device Functional Modes
The TLV379 family has a single functional mode. These devices are powered on as long as the power-supply
voltage is between 1.8 V (±0.9 V) and 5.5 V (±2.75 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com