Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRC2P Datasheet(PDF) 2 Page - ABCO ELECTRONICS CO.LTD

Part # WRC2P
Description  POWER TYPE WIRE WOUND CEMENT RESISTOR WITH GLASS ROD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

WRC2P Datasheet(HTML) 2 Page - ABCO ELECTRONICS CO.LTD

  WRC2P Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD WRC2P Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD WRC2P Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD WRC2P Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
87
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Power
Resistance Range
Type
Rating
J(
± 5%), G(± 2%) or F(± 1%)
Dimensions(mm)
WGR
WCR
WMR
L
± 1.5
ℓ
ℓ
± 3
W
± 1.0
H
± 1.0
d
Type
Power
Resistance Range
Dimensions(mm)
Rating
J(
± 5%) or F(± 1%)
L
± 1
P
± 1
W1
± 0.5
W2
± 0.5
H1
± 1
H2
± 1
Type
Power
Resistance Range
Dimensions(mm)
Rating
J(
± 5%) or F(± 1%)
L
± 1
P
± 1
W1
± 1
W2
± 1
H1
± 1
H21
1.5Max
LW
H
¿d
WRC 2P
2W
0.1~20
0.1~20
20-100K
17.5
27
6.4
6.4
0.8
WRC 3P
3W
0.1~20
0.1~20
20-100K
22
25
8.0
8.5
0.8
WRC 5P
5W
0.1~30
0.1~30
30-100K
22
25
9.5
9.5
0.8
WRC 7P
7W
0.1~50
50-100K
35
25
9.5
9.5
0.8
WRC 10P
10W
0.1~300
300-100K
48
25
9.5
9.5
0.8
WRC 15P
15W
0.1~500
500-100K
48
25
12.5
12.5
0.8
WRC 20P
20W
0.1~600
600-100K
63
25
12.5
12.5
0.8
■P-TYPE
1.5
± 0.4
(2
± 0.4)
1.5
1
± 0.2
(1.5
± 0.2)
H1
H2
L
P
0.5
7.3
± 0.3
4.5
± 0.5
3.5(5.0)
W1
W2
■MD-TYPE
0.75
1.6
± 0.2
1.4
± 0.2
L
W1
W
H1
H2
P
0.4t
WRC 5MS
5W
0.1~100K
27
10/15
9.5
5/7.5
9.5
15
WRC 7MS
7W
0.1~100K
35
20/22.5
9.5
5/7.5
9.5
15
WRC 10MS
10W
0.1~100K
48
30/35
9.5
5/7.5
9.5
15
WRC 15MS
15W
0.1~100K
48
35
12.5
5/7.5
12.5
15
WRC 20MS
20W
0.1~100K
62.5
45
13.5
5/7.5
12.5
15
■MS-TYPE
WRC 5MD
5W
0.1~100K
27
15
9.5
7.3
9.5
15
WRC 7MD
7W
0.1~100K
35
22.5
9.5
7.3
9.5
15
WRC 10MD
10W
0.1~100K
48
35
9.5
7.3
9.5
15
+2
- 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com