Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRC2P Datasheet(PDF) 4 Page - ABCO ELECTRONICS CO.LTD

Part # WRC2P
Description  POWER TYPE WIRE WOUND CEMENT RESISTOR WITH GLASS ROD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

WRC2P Datasheet(HTML) 4 Page - ABCO ELECTRONICS CO.LTD

  WRC2P Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD WRC2P Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD WRC2P Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD WRC2P Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
89
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Item
Max. permissible deviation
Rated Load(%)
250
200
150
100
50
0
20
40
60
80
2W
3W
5W
7W
10W
15W
20W
100
120
Ambient Temperature(˚C)
100
75
50
25
25
40 50
75
15 • 20W
3 • 5 • 7 • 10W
100
150
155
200
250
275
0
2W
-25
˚C ~ +155˚C
No mechanical damage
± (5% + 0.05Ω)
No mechanical damage No arcing or breakdown
± (5% + 0.05Ω)
No mechanical damage
± (2% + 0.05Ω)
No mechanical damage
± (5% + 0.05Ω)
No mechanical damage
± (2% + 0.05Ω)
Operating temp. range
Load life
Moisture load life
Dielectric Withstanding voltage
Thermal shock
Short time over load
■VOLTAGE RATING
Resistor shall have a rated DC or RMS continuous working voltage at commercial line
frequence and wave from corresponding to the power rating, as determined from the following formula
E: Rated continuous working voltage
E = P X R
P: Power rating
R: Nominal resistance
■POWER RATING
■SURFACE TEMPERATURE RISE
■PERFORMANCE CHARACTERISTICS
Resistor shall have a power specified on table and based on continuous full-load operation at an ambient temperature
of 75˚C for 2W, 40˚C for 3W through 10W, 25˚C for over wattage.
For resistors operated at an ambient temp. exceeding these specified level, the load shall be derated in accordance
with Fig. 1 below.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com