Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D35530596 Datasheet(PDF) 1 Page - Glamox

Part # D35530596
Description  D35-S180 LED 700 HF 840MP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

D35530596 Datasheet(HTML) 1 Page - Glamox

  D35530596 Datasheet HTML 1Page - Glamox D35530596 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/2/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
D35-S180 LED 700 HF 840
MP
Glamox D35 is a family with a compact design, and
available in three sizes. Injected moulded fire resistant
plastic material V1 in white finish RAL9016. Integrated
aluminium heat sink.
Item No.
D35530596
GTIN
4741145305969
Stock status code
M
Technical specifications
Mounting
Product Mounting
Ceiling surface
General
Product shape
Round
Electrical Data
Leakage Current (mA)
0.34
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
7
Number Of Luminaire MCB 10B
23
Number Of Luminaire MCB 10C
38
Number Of Luminaire MCB 16B
37
Number Of Luminaire MCB 16C
61
Optic
Optic description
Micro prismatic diffuser
Optic Name
MP - Micro prismatic
diffuser
UGR (70/50/20 & 4H-8H
crosswise)
24
Diffuser Material
Acrylic
Diffuser Material Design
Prismatic
Optic main category
Diffuser
Technical Data
Minimum TA (ºC)
-20
Maximum TA (ºC)
45
IP classification
40
Light Technical Data
Light source
LED
Lumen Out (lm)
715
Lumen Per Watt (lm/W)
107
Lamp colour temp (K)
4000
Colour Rendering Index
>80
Light Distribution Down %
100
MacAdam step
3
Energy Class Light Source
C
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Number of Driver
1
Lifetime
LED Lifetime L70B50 Ta25 (h)
80 000
Luminous flux decline (LLMF) 50.000h Ta25
0.80
Housing
Body Material
ABS plastic
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Height (mm)
54
Diameter (mm)
180
Item Net Weight (kg)
0.6992
Termination
Termination
3x2x2.5mm2 Push In
Logistic Data
Item Gross Weight (kg)
0.76


Similar Part No. - D35530596

ManufacturerPart #DatasheetDescription
logo
Glamox
D35530597 GLAMOX-D35530597 Datasheet
266Kb / 2P
D35-S230 LED 1000 HF 840MP
More results

Similar Description - D35530596

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AIF25R48 ASTEC-AIF25R48 Datasheet
109Kb / 2P
700 Watts
logo
ON Semiconductor
CAT4104V-GT3 ONSEMI-CAT4104V-GT3 Datasheet
254Kb / 14P
700 mA Quad Channel Constant Current LED Driver
Doc. No. MD-5041 Rev. B
CAT4104 ONSEMI-CAT4104 Datasheet
184Kb / 13P
700 mA Quad Channel Constant Current LED Driver
March, 2010 ??Rev. 2
logo
SL Power Electronics
D35_DD SLPOWER-D35_DD Datasheet
17Kb / 2P
D35 Euro Wall Mount 1-3 Watts Series
logo
LUMEX INC.
SSL-LX3054HD LUMEX-SSL-LX3054HD Datasheet
107Kb / 1P
T-3mm 700 RED LED
SSI-LXR4815HGW LUMEX-SSI-LXR4815HGW Datasheet
77Kb / 1P
T-5mm 700 RED LED PANEL INDICATOR
logo
PHOENIX CONTACT
2904744 PHOENIX-2904744 Datasheet
66Kb / 6P
Front adapters - FLK 50-PA/EZ-DR/HF/KS/ 700/YUC
2904752 PHOENIX-2904752 Datasheet
65Kb / 5P
Front adapters - FLK 40-PA/EZ-DR/HF/KS/ 700/YUC
1413989 PHOENIX-1413989 Datasheet
259Kb / 3P
Panel mounting frames - CUC-V14-A1ZNI-S180
logo
STMicroelectronics
RF4L10700CB4 STMICROELECTRONICS-RF4L10700CB4 Datasheet
525Kb / 11P
700 W, 40 V, HF to 1 GHz RF power LDMOS transistor
22-Sep-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com