Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FACK4BPM Datasheet(PDF) 6 Page - TUK Ltd

Part # FACK4BPM
Description  LOW PROFILE PANEL MOUNT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

FACK4BPM Datasheet(HTML) 6 Page - TUK Ltd

  FACK4BPM Datasheet HTML 1Page - TUK Ltd FACK4BPM Datasheet HTML 2Page - TUK Ltd FACK4BPM Datasheet HTML 3Page - TUK Ltd FACK4BPM Datasheet HTML 4Page - TUK Ltd FACK4BPM Datasheet HTML 5Page - TUK Ltd FACK4BPM Datasheet HTML 6Page - TUK Ltd FACK4BPM Datasheet HTML 7Page - TUK Ltd FACK4BPM Datasheet HTML 8Page - TUK Ltd FACK4BPM Datasheet HTML 9Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TUK Ltd
LOW PROFILE BLACK PANEL MOUNT ADAPTOR
Low Profile Panel Mount Adaptor for Keystones
Low Profile Panel Mount Adaptor for Keystones (KAPMBfnl#20)
These adaptors enable keystones to be mounted easily into panels of virtually
any thickness and can be used with most keystones of standard size. They
are supplied with the choice of flathead M3 and 4:40 screw to ensure a flush,
aesthetically pleasing finish.
Features
•
Light-weight, durable polycarbonate adaptor ensures easy mounting.
•
Provides insulation from interference from the panel.
•
Supplied with 2 pairs of crosshead screws
2 x black flat head M3 screws
2 x black flat head 4:40 screws to fit in US style panels.
Specifications
•
Weight: 2.5g
•
Dimensions: 11 x 19 x 35mm
•
Colour: Black, RAL 9011
•
Material:
o
Adaptor: Polycarbonate UL94V-0
o
Screws: Steel
Packaging:
Supplied in bags of 20, then packed in 5’s
EAN:
5055386509420
Commodity code:
85444290



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com