Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FACK4BPM Datasheet(PDF) 8 Page - TUK Ltd

Part # FACK4BPM
Description  LOW PROFILE PANEL MOUNT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

FACK4BPM Datasheet(HTML) 8 Page - TUK Ltd

  FACK4BPM Datasheet HTML 1Page - TUK Ltd FACK4BPM Datasheet HTML 2Page - TUK Ltd FACK4BPM Datasheet HTML 3Page - TUK Ltd FACK4BPM Datasheet HTML 4Page - TUK Ltd FACK4BPM Datasheet HTML 5Page - TUK Ltd FACK4BPM Datasheet HTML 6Page - TUK Ltd FACK4BPM Datasheet HTML 7Page - TUK Ltd FACK4BPM Datasheet HTML 8Page - TUK Ltd FACK4BPM Datasheet HTML 9Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TUK Ltd
LOW PROFILE BLACK PANEL MOUNT BLANK
Low Profile Panel Mount Blank
Low Profile Black Panel Blank (KAPMkpk, KAPMkpk#20)
Light-weight, durable blank able to be used with panel mount panels of
virtually any thickness. They are supplied with both flathead M3, and 4:40
screw which ensures a flush, aesthetically pleasing finish.
Features
•
Supplied with 2 pairs of screws
2 x black, black flat head M3 screws
2 x black, black flat head 4:40 screws to fit in US style panels
•
For installations where more flexibility is needed, please see our 2-part
panel mount blank, KAPMkpk2.
Specifications
•
Weight: 2.7g
•
Dimensions: 11 x 19 x 35mm
•
Colour: Black, RAL 9011
•
Material:
o
Blank: Polycarbonate UL94V-0
o
Screws: Steel
Packaging:
Supplied in bags of 20, then individually packed
EAN:
5055386509451
Commodity code:
85444290



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com