Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV7021 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV7021
Description  TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7021 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV7021 Datasheet HTML 17Page - Texas Instruments TLV7021 Datasheet HTML 18Page - Texas Instruments TLV7021 Datasheet HTML 19Page - Texas Instruments TLV7021 Datasheet HTML 20Page - Texas Instruments TLV7021 Datasheet HTML 21Page - Texas Instruments TLV7021 Datasheet HTML 22Page - Texas Instruments TLV7021 Datasheet HTML 23Page - Texas Instruments TLV7021 Datasheet HTML 24Page - Texas Instruments TLV7021 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
V
OUT
V
IN
V
REF
1.8 V
1.2 V
4.0 V
0.0 V
1.61 V
1.58 V
Time
0.0
200.0 u
400.0 u
600.0 u
800.0 u
21
TLV7011, TLV7021, TLV7012, TLV7022
www.ti.com
SLVSDM5F – SEPTEMBER 2017 – REVISED MARCH 2020
Product Folder Links: TLV7011 TLV7021 TLV7012 TLV7022
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Applications (continued)
8.2.2.1 Design Requirements
For this design, follow these design requirements:
•
Use a proper resistor (R1) value to generate an adequate signal amplitude applied to the inverting input of the
comparator.
•
The low input bias current IB (2 pA typical) ensures that a greater value of R1 to be used.
•
The RC constant value (R2 and C1) must support the targeted data rate (that is, 9,600 bauds) to maintain a
valid tripping threshold.
•
The hysteresis introduced with R3 and R4 helps to avoid spurious output toggles.
8.2.2.2 Detailed Design Procedure
The IR receiver AFE design is highly streamlined and optimized. R1 converts the IR light energy induced current
into voltage and applies to the inverting input of the comparator. Because a reverse biased IR LED is used as
the IR receiver, a higher I/V transimpedance gain is required to boost the amplitude of reduced current. A 10M
resistor is used as R1 to support a 1-V, 100-nA transimpedance gain. This is made possible with the picoamps
Input bias current IB (5pA typical). The RC network of R2 and C1 establishes a reference voltage Vref which tracks
the mean amplitude of the IR signal. The RC constant of R2 and C1 (about 4.7 ms) is chosen for Vref to track the
received IR current fluctuation but not the actual data bit stream. The noninverting input is connected to Vref and
the output over the R3 and R4 resistor network which provides additional hysteresis for improved guard against
spurious toggles.
To reduce the current drain from the coin cell battery, data transmission must be short and infrequent.
8.2.2.3 Application Curve
Figure 38. IR Receiver AFE Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com