Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV7021 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV7021
Description  TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7021 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV7021 Datasheet HTML 9Page - Texas Instruments TLV7021 Datasheet HTML 10Page - Texas Instruments TLV7021 Datasheet HTML 11Page - Texas Instruments TLV7021 Datasheet HTML 12Page - Texas Instruments TLV7021 Datasheet HTML 13Page - Texas Instruments TLV7021 Datasheet HTML 14Page - Texas Instruments TLV7021 Datasheet HTML 15Page - Texas Instruments TLV7021 Datasheet HTML 16Page - Texas Instruments TLV7021 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Load Capacitance (pF)
10
100
1000
10000
100000
1
10
100
1000
10000
TLV7
Load Capacitance (pF)
10
100
1000
10000
100000
1
10
100
1000
10000
100000
TLV7
VCC (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
TLV7
-40qC
25qC
85qC
125qC
VCM (V)
0
1
2
3
4
5
5.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
TLV7
-40qC
25qC
85qC
125qC
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
120
140
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
TLV7
VCC = 3.3 V
VCC = 5 V
VCC (V)
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
0
10
20
30
40
50
60
70
80
90
TLV7
-40qC
25qC
85qC
125qC
13
TLV7011, TLV7021, TLV7012, TLV7022
www.ti.com
SLVSDM5F – SEPTEMBER 2017 – REVISED MARCH 2020
Product Folder Links: TLV7011 TLV7021 TLV7012 TLV7022
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VCC = 5 V, VEE = 0 V, VCM = VCC/2, CL = 15 pF
VCM = VCC/2
Figure 21. TLV701x Output Short Circuit (Source) vs. VCC
VCM = VCC/2
Figure 22. ICC vs. Temperature
VCM = VCC/2
Figure 23. ICC vs. VCC
VCC = 5 V
Figure 24. ICC vs. VCM
VOD = 100mV
Figure 25. TLV701x Output Rise Time vs. Load Capacitance
VOD = 100mV
Figure 26. Output Fall Time vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com