Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1756799 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1756799
Description  MSTBVA 2,5/ 6-G-5,08 RD - PCB header
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1756799 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1756799 Datasheet HTML 1Page - PHOENIX CONTACT 1756799 Datasheet HTML 2Page - PHOENIX CONTACT 1756799 Datasheet HTML 3Page - PHOENIX CONTACT 1756799 Datasheet HTML 4Page - PHOENIX CONTACT 1756799 Datasheet HTML 5Page - PHOENIX CONTACT 1756799 Datasheet HTML 6Page - PHOENIX CONTACT 1756799 Datasheet HTML 7Page - PHOENIX CONTACT 1756799 Datasheet HTML 8Page - PHOENIX CONTACT 1756799 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB headers, nominal cross section: 2.5 mm2, color: red, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 6, number
of rows: 1, number of positions: 6, number of connections: 6, product range: MSTBVA 2,5/..-G,
pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting method: without, type of packaging:
packed in cardboard
Your advantages
Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
•
Well-known mounting principle allows worldwide use
•
Vertical connection enables multi-row arrangement on the PCB
•
Closed contour for optimum stability of the plug-in connection
•
Easy PCB replacement thanks to plug-in modules
•
Commercial data
Item number
1756799
Packing unit
50 pc
Minimum order quantity
50 pc
Sales key
AA03
Product key
AACSMF
GTIN
4046356337977
Weight per piece (including packing)
2.394 g
Weight per piece (excluding packing)
2.071 g
Customs tariff number
85366930
Country of origin
DE
MSTBVA 2,5/ 6-G-5,08 RD - PCB header
1756799
https://www.phoenixcontact.com/us/products/1756799
Nov 13, 2025, 1:21AM
Page 1 (16)


Similar Part No. - 1756799

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17567 ETC2-17567 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
1756710C3 ETC2-1756710C3 Datasheet
64Kb / 2P
CORDSET - NORTH AMERICAN DETACHABLE POWER SUPPLY CORD
logo
PHOENIX CONTACT
1756764 PHOENIX-1756764 Datasheet
96Kb / 2P
MSTB 2,5/ 3-ST (13)
More results

Similar Description - 1756799

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755778 PHOENIX-1755778 Datasheet
152Kb / 6P
MSTBVA 2,5/ 6-G-5,08
1924305 PHOENIX-1924305 Datasheet
341Kb / 11P
PCB header - MSTBVA 2,5 HC/ 2-G-5,08
Jan 3, 2023
1924321 PHOENIX-1924321 Datasheet
439Kb / 13P
PCB header - MSTBVA 2,5 HC/ 4-G-5,08
Sep 8, 2022
1924402 PHOENIX-1924402 Datasheet
341Kb / 11P
PCB header - MSTBVA 2,5 HC/12-G-5,08
Jan 3, 2023
1936018 PHOENIX-1936018 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 2-G-5,08-RN
Jan 5, 2023
1936050 PHOENIX-1936050 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 6-G-5,08-RN
Jan 3, 2023
1936089 PHOENIX-1936089 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 9-G-5,08-RN
Jan 10, 2023
1936092 PHOENIX-1936092 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/10-G-5,08-RN
Jan 4, 2023
1924334 PHOENIX-1924334 Datasheet
344Kb / 11P
PCB header - MSTBVA 2,5 HC/ 5-G-5,08
1924376 PHOENIX-1924376 Datasheet
344Kb / 11P
PCB header - MSTBVA 2,5 HC/ 9-G-5,08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com