Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4007UB Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4007UB
Description  DUAL COMPLEMENTARY PAIR PLUS INVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4007UB Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4007UB Datasheet HTML 1Page - STMicroelectronics HCC4007UB Datasheet HTML 2Page - STMicroelectronics HCC4007UB Datasheet HTML 3Page - STMicroelectronics HCC4007UB Datasheet HTML 4Page - STMicroelectronics HCC4007UB Datasheet HTML 5Page - STMicroelectronics HCC4007UB Datasheet HTML 6Page - STMicroelectronics HCC4007UB Datasheet HTML 7Page - STMicroelectronics HCC4007UB Datasheet HTML 8Page - STMicroelectronics HCC4007UB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HCC4007UB
HCF4007UB
September 1988
DUAL COMPLEMENTARY PAIR PLUS INVERTER
EY
(Plastic Package)
ORDER CODES :
HCC4007UBF
HCF4007UBM1
HCF4007UBEY
HCF4007UBC1
F
(Ceramic Package)
M1
(Micro Package)
C1
(Chip Carrier)
PIN CONNECTIONS
DESCRIPTION
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
MEDIUM SPEED OPERATION tPHL,tPLH = 30ns
(typ.) AT 10V
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
INPUT CURRENT OF 100nA AT 18V AND 25
oC
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
o
13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF B
SERIES CMOS DEVICES”
The HCC4007UB is a monolithic integrated circuit,
available in 14-lead dual in-line plastic or ceramic
package and plastic micropackage.
The HCC4007UB type is comprised of three n-chan-
nel and three p-channel enhancement type MOS
transistors. The transistor elements are accessible
through the package terminals to provide a conveni-
ent means for constructing the various typical cir-
cuits as shown in typical applications. More complex
functions are possible using multiple packages.
Numbers shown in parentheses indicate terminals
that are connected together to form the varius con-
figurations listed.
1/14


Similar Part No. - HCC4007UB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4000 STMICROELECTRONICS-HCC4000 Datasheet
289Kb / 13P
NOR GATE
HCC4000B STMICROELECTRONICS-HCC4000B Datasheet
289Kb / 13P
NOR GATE
HCC4000B STMICROELECTRONICS-HCC4000B Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4000BF STMICROELECTRONICS-HCC4000BF Datasheet
289Kb / 13P
NOR GATE
HCC4000B STMICROELECTRONICS-HCC4000B_05 Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
More results

Similar Description - HCC4007UB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB Datasheet
240Kb / 8P
Dual Complementary Pair Plus Inverter
March, 2000 ??Rev. 3
logo
Fairchild Semiconductor
CD4007C FAIRCHILD-CD4007C Datasheet
49Kb / 5P
Dual Complementary Pair Plus Inverter
logo
Hitachi Semiconductor
HD14007UB HITACHI-HD14007UB Datasheet
76Kb / 5P
Dual Complementary Pair plus Inverter
logo
Intersil Corporation
CD4007UBMS INTERSIL-CD4007UBMS Datasheet
104Kb / 9P
CMOS Dual Complementary Pair Plus Inverter
November 1994
logo
National Semiconductor ...
CD4007M NSC-CD4007M Datasheet
100Kb / 4P
Dual Complementary Pair Plus Inverter
logo
Texas Instruments
CD4007UBF3A TI-CD4007UBF3A Datasheet
238Kb / 5P
DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Micro Electronics
MMC4007 MICRO-ELECTRONICS-MMC4007 Datasheet
106Kb / 4P
DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_06 Datasheet
154Kb / 9P
Dual Complementary Pair Plus Inverter
October, 2006 ??Rev. 8
logo
STMicroelectronics
HCF4007UB STMICROELECTRONICS-HCF4007UB Datasheet
124Kb / 9P
DUAL COMPLEMENTARY PAIR PLUS INVERTER
Mar-2004
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_14 Datasheet
121Kb / 7P
Dual Complementary Pair Plus Inverter
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com