Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4007UB Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCC4007UB
Description  DUAL COMPLEMENTARY PAIR PLUS INVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4007UB Datasheet(HTML) 5 Page - STMicroelectronics

  HCC4007UB Datasheet HTML 1Page - STMicroelectronics HCC4007UB Datasheet HTML 2Page - STMicroelectronics HCC4007UB Datasheet HTML 3Page - STMicroelectronics HCC4007UB Datasheet HTML 4Page - STMicroelectronics HCC4007UB Datasheet HTML 5Page - STMicroelectronics HCC4007UB Datasheet HTML 6Page - STMicroelectronics HCC4007UB Datasheet HTML 7Page - STMicroelectronics HCC4007UB Datasheet HTML 8Page - STMicroelectronics HCC4007UB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25
oC, CL =50 pF, RL = 200 K
Ω,
typical temperature coefficent for all VDD values is 03 %/
oC, all input rise and fall times= 20 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VDD (V)
Min.
Typ.
Max.
tPLH
tPHL
Propagation Delay Time
5
55
110
ns
10
30
60
15
25
50
tTLH
tTHL
Transition Time
5
100
200
ns
10
50
100
15
40
80
Minimum and Maximum Voltage Transfer Characterisctics for Inverter and test Circuit
Typical Current and Voltage Transfer Characteristics for Inverter and Test Circuit
HCC/HCF4007UB
5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com