Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST8H100 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPST8H100
Description  100 V - 8 A power Schottky trench rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST8H100 Datasheet(HTML) 5 Page - STMicroelectronics

  STPST8H100_V01 Datasheet HTML 1Page - STMicroelectronics STPST8H100_V01 Datasheet HTML 2Page - STMicroelectronics STPST8H100_V01 Datasheet HTML 3Page - STMicroelectronics STPST8H100_V01 Datasheet HTML 4Page - STMicroelectronics STPST8H100_V01 Datasheet HTML 5Page - STMicroelectronics STPST8H100_V01 Datasheet HTML 6Page - STMicroelectronics STPST8H100_V01 Datasheet HTML 7Page - STMicroelectronics STPST8H100_V01 Datasheet HTML 8Page - STMicroelectronics STPST8H100_V01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
PSMC (TO-277A) package information
•
Epoxy meets UL94, V0
•
Cooling method: by conduction (C)
Figure 9. PSMC (TO-277A) package outline
Note:
This package drawing may slightly differ from the physical package. However, all the specified dimensions are
guaranteed.
STPST8H100
Package information
DS14187 - Rev 2
page 5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com