Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST8H100 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPST8H100
Description  100 V - 8 A power Schottky trench rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST8H100 Datasheet(HTML) 2 Page - STMicroelectronics

  STPST8H100_V01 Datasheet HTML 1Page - STMicroelectronics STPST8H100_V01 Datasheet HTML 2Page - STMicroelectronics STPST8H100_V01 Datasheet HTML 3Page - STMicroelectronics STPST8H100_V01 Datasheet HTML 4Page - STMicroelectronics STPST8H100_V01 Datasheet HTML 5Page - STMicroelectronics STPST8H100_V01 Datasheet HTML 6Page - STMicroelectronics STPST8H100_V01 Datasheet HTML 7Page - STMicroelectronics STPST8H100_V01 Datasheet HTML 8Page - STMicroelectronics STPST8H100_V01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values at 25 °C, unless otherwise specified, with 2 anode terminals
short-circuited)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(AV)
Average forward current, δ = 0.5, square wave
Tc = 155 °C
8
A
IFSM
Surge non repetitive forward current
tp = 10 ms
sinusoidal
200
A
IAS
Single pulse avalanche current(1)
Tj = 25°C, L = 300 µH, VDD = 15 V
12
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(2)
+175
°C
1. Please refer to Figure 1 and Figure 2 for the unclamped inductive switching test circuit, and waveform.
2. (dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 2. Thermal resistance parameter
Symbol
Parameter
Typ.
value
Unit
Rth(j-c)
Junction to case
1.4
°C/W
For more information, please refer to the following application note:
•
AN5088: Rectifiers thermal management, handling and mounting recommendations
Table 3. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 125 °C
VR = 70 V
-
1.5
4.6
mA
Tj = 25 °C
VR = 100 V
-
17
µA
Tj = 125 °C
-
3
10
mA
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 4 A
-
0.530 0.590
V
Tj = 125 °C
-
0.460 0.515
Tj = 25 °C
IF = 8 A
-
0.625 0.695
Tj = 125 °C
-
0.560 0.615
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.415 x IF(AV) + 0.025 x IF2(RMS)
For more information, please refer to the following application notes related to the power losses :
•
AN604: Calculation of conduction losses in a power rectifier
•
AN4021: Calculation of reverse losses on a power diode
STPST8H100
Characteristics
DS14187 - Rev 2
page 2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com