Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR02-FS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PR02-FS
Description  High Pulse, Fusible, Non-Inductive, Flameproof, Metal Film Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR02-FS Datasheet(HTML) 4 Page - Vishay Siliconix

  PR02-FS Datasheet HTML 1Page - Vishay Siliconix PR02-FS Datasheet HTML 2Page - Vishay Siliconix PR02-FS Datasheet HTML 3Page - Vishay Siliconix PR02-FS Datasheet HTML 4Page - Vishay Siliconix PR02-FS Datasheet HTML 5Page - Vishay Siliconix PR02-FS Datasheet HTML 6Page - Vishay Siliconix PR02-FS Datasheet HTML 7Page - Vishay Siliconix PR02-FS Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PR02-FS
www.vishay.com
Vishay BCcomponents
Revision: 27-Nov-2018
4
Document Number: 28915
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
The power that the resistor can dissipate depends on the ambient temperature.
Maximum dissipation (Pmax.) in percentage of rated power as a function of the ambient temperature (Tamb)
Pulse performance w.r.t. IEC 61000-4-5 after 10 pulses (5 positive and 5 negative with 30 s repetition time) of 1.2/50 μs are applied
Fusing performance in response to defined overload
Ambient Temperature in °C
050
70
100
200
Derating
-55
150
20
0
40
60
80
100
0
20
40
100
80
60
10
30
90
70
50
100
0
200
300
400
700
500
600
Resistance in
Ω
Overload Power in W
2.0
0.0
4.0
6.0
8.0
18.0
10.0
12.0
14.0
16.0
10
Ω to 100 Ω
1
Ω to 8.2 Ω
90
70
60
100
80



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com