Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR02-FS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PR02-FS
Description  High Pulse, Fusible, Non-Inductive, Flameproof, Metal Film Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR02-FS Datasheet(HTML) 2 Page - Vishay Siliconix

  PR02-FS Datasheet HTML 1Page - Vishay Siliconix PR02-FS Datasheet HTML 2Page - Vishay Siliconix PR02-FS Datasheet HTML 3Page - Vishay Siliconix PR02-FS Datasheet HTML 4Page - Vishay Siliconix PR02-FS Datasheet HTML 5Page - Vishay Siliconix PR02-FS Datasheet HTML 6Page - Vishay Siliconix PR02-FS Datasheet HTML 7Page - Vishay Siliconix PR02-FS Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PR02-FS
www.vishay.com
Vishay BCcomponents
Revision: 27-Nov-2018
2
Document Number: 28915
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: PR02FS0206809KA100
TYPE
VARIANT
WIRE TYPES
TCR/MATERIAL
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
PR02FS
0 = neutral
2 = Cu 0.78
0 = standard
3 digit value
1 digit multiplier
Multiplier
8 = *10-2
9 = *10-1
0 = *100
K = ± 10 %
M = ± 20 %
N3
A1
A7
R5
00 =
standard
Product Description: PR02-FS 10 % A1 68R
PR02-FS
10 %
A1
68R
TYPE
TOLERANCE
PACKAGING
RESISTANCE VALUE
PR02-FS
10 %
N3
A1
A7
R5
68R = 68
PACKAGING
TYPE
CODE
QUANTITY
STYLE
DESCRIPTION
PITCH
WIDTH
PACKAGING
DIMENSIONS
PR02-FS
N3
3000
Radial
Ammo pack acc. to IEC 60286-2
12.7 mm
-
45 mm x 262 mm x 330 mm
A1
1000
Axial
Ammo pack acc. to IEC 60286-1
5 mm
52 mm
72 mm x 60 mm x 258 mm
A7
1000
Axial
Ammo pack acc. to IEC 60286-1
5 mm
73 mm
95 mm x 74 mm x 260 mm
R5
5000
Axial
Reel pack acc. to IEC 60286-1
5 mm
52 mm
100 mm x 375 mm x 375 mm
R
0
2
F
S
0
206
P
09
K
A
1
00
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com