Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PTS
Description  Platinum SMD Flat Chip Temperature Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTS Datasheet(HTML) 4 Page - Vishay Siliconix

  PTS Datasheet HTML 1Page - Vishay Siliconix PTS Datasheet HTML 2Page - Vishay Siliconix PTS Datasheet HTML 3Page - Vishay Siliconix PTS Datasheet HTML 4Page - Vishay Siliconix PTS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PTS AT
www.vishay.com
Vishay Beyschlag
Revision: 06-Aug-2018
4
Document Number: 28899
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
The temperature resistance relationships of the PTS series
follow different equations:
For the temperature range of -55 °C up to 0 °C:
RT = R0 x (1 + A x T + B x T2 + C x (T - 100 °C) x T3)
And for the temperature range of 0 °C up to +175 °C:
RT = R0 x (1 + A x T + B x T2)
RT: Resistance as a function of temperature
R0: Nominal resistance value at 0 °C
T: Temperature in °C
According to IEC 60751 the values of the coefficients are:
A = 3.9083 x 10-3 °C-1
B = -5.775 x 10-7 °C-2
C = -4.183 x 10-12 °C-4
The tolerances values of the PTS series are classified by the
following equations as specified by IEC 60751:
Class F0.3:
T
F0.3 = ± (0.3 + 0.005 x |T|)
Class F0.6:
T
F0.6 = ± (0.6 + 0.010 x |T|)
NOMINAL RESISTANCE VALUE
TEMPERATURE
in °C
NOMINAL RESISTANCE in
TOLERANCE in K
R0 = 100 
R0 = 500 
R0 = 1000 
CLASS F0.3
CLASS F0.6
-55
78.319
391.59
783.19
± 0.58
± 1.15
-50
80.306
401.53
803.06
± 0.55
± 1.10
-25
90.192
450.96
901.92
± 0.43
± 0.85
0
100.00
500.00
1000.00
± 0.30
± 0.60
25
109.73
548.67
1097.35
± 0.43
± 0.85
50
119.40
596.99
1193.97
± 0.55
± 1.10
75
128.99
644.94
1289.87
± 0.68
± 1.35
100
138.51
692.53
1385.06
± 0.80
± 1.60
125
147.95
739.76
1479.51
± 0.93
± 1.85
150
157.33
786.63
1573.25
± 1.05
± 2.10
175
166.63
833.13
1666.27
± 1.18
± 2.35
- 75
0
175
Temperature in °C
- 50
- 25
25
50
75
100
125
150
Ratio RT/R0
0.7
0.8
1.0
1.2
1.4
1.6
1.7
0.9
1.1
1.3
1.5
- 75
0
175
Temperature in °C
- 50
- 25
25
50
75
100
125
150
0.0
0.2
2.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0.4
Tolerances for ClassF0.3 and F0.6
0.0
0.1
1.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.2
F0.6 Temp. Tol.
F0.6
R
0 Tol.
F0.3
R
0 Tol.
F0.3 Temp. Tol.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com