Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PTS
Description  Platinum SMD Flat Chip Temperature Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTS Datasheet(HTML) 3 Page - Vishay Siliconix

  PTS Datasheet HTML 1Page - Vishay Siliconix PTS Datasheet HTML 2Page - Vishay Siliconix PTS Datasheet HTML 3Page - Vishay Siliconix PTS Datasheet HTML 4Page - Vishay Siliconix PTS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PTS AT
www.vishay.com
Vishay Beyschlag
Revision: 06-Aug-2018
3
Document Number: 28899
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
(2) The part number is shown to facilitate the introduction of a unified part numbering system
(3) Please refer to table PACKAGING
(4) We recommend that the Production Description is used to minimize the possibility of errors in order handling
PART NUMBER AND PRODUCT DESCRIPTION (1)
PART NUMBER (2): PTS0805M1B500RP100
TYPE
SIZE CODE
VERSION
TOLERANCE
CLASS
RESISTANCE
VALUE
PACKAGING (3)
SPECIAL
3 digits
4 digits
1 digit
2 digits
4 digits
2 digits
2 digits
PTS = platinum
temperature
sensor SMD
0603
0805
1206
M = AT
(automotive)
1B = class F0.3
2B = class F0.6
100R = 100
500R = 500
1K00 = 1000
PU
P1
P5
00 = standard
PRODUCT DESCRIPTION (4): PTS 0805-B AT P1 500R
PTS
0805
-B
AT
P1
500R
TYPE
SIZE CODE
TOLERANCE
CLASS
VERSION
PACKAGING (3)
RESISTANCE
VALUE
PTS = platinum
temperature
sensor SMD
0603
0805
1206
B = class F0.3
2B = class F0.6
AT = automotive
PU
P1
P5
100R = 100
500R = 500
1K = 1000
PACKAGING
TYPE
CODE
QUANTITY
CARRIER
TAPE
WIDTH
PITCH
BOX/REEL
BOX/REEL
DIAMETER
PTS 0603
PTS 0805
PTS 1206
PU
100
Paper tape acc.
IEC 60286-3
8 mm
4 mm
Box
114 mm
P1
1000
Reel
180 mm/7"
P5
5000
TESTS AND REQUIREMENTS
TEST
CONDITIONS
REQUIREMENTS
|
R
0/R0| 
High temperature exposure (storage)
AEC-Q200, 1000 h at 155 °C
0.1 %
High temperature exposure (storage)
1000 h at 175 °C
0.2 %
Temperature cycling
AEC-Q200, 1000 cycles -55 °C to +155 °C
0.5 %
Biased humidity
1000 h, 1 mA biased at 85 °C / 85 % RH
0.5 %
Operational life
1000 h, 1 mA biased at 125 °C
0.2 %
Vibration
MIL-STD 202, method 204
0.1 %
Mechanical shock
MIL-STD 202, method 213
0.1 %
Resistance to soldering heat
Solder bath dipping 10 s at 260°C
0.25 %
ESD
AEC-Q200, HBM (CD) 1.0 kV (0603), 1.5 kV (0805), 2.0 kV (1206)
0.5 %
Board flex
AEC-Q200-005, 2 mm during 60 s
0.2 %
Terminal strength
AEC-Q200-006, shear test 10 N / 17.7 N during 60 s
0.25 %
08
S
T
P0
5
1
B
5
0
0
R
P
1
0
0
M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com