Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS556 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS556
Description  Low-power dual CMOS timer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS556 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS556_V01 Datasheet HTML 9Page - STMicroelectronics TS556_V01 Datasheet HTML 10Page - STMicroelectronics TS556_V01 Datasheet HTML 11Page - STMicroelectronics TS556_V01 Datasheet HTML 12Page - STMicroelectronics TS556_V01 Datasheet HTML 13Page - STMicroelectronics TS556_V01 Datasheet HTML 14Page - STMicroelectronics TS556_V01 Datasheet HTML 15Page - STMicroelectronics TS556_V01 Datasheet HTML 16Page - STMicroelectronics TS556_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DocID4078 Rev 4
13/19
TS556
Application information
19
4
Application information
4.1
Monostable operation
In monostable mode, the timer operates like a one-shot generator. Referring to Figure 2, the
external capacitor is initially held discharged by a transistor inside the timer, as shown in
Figure 4
.
Figure 4. Application schematic
The circuit triggers on a negative-going input signal when the level reaches 1/3 VCC. Once
triggered, the circuit remains in this state until the set time has elapsed, even if it is triggered
again during this interval. The duration of the output HIGH state is given by t = 1.1 R x C.
It can be noticed that since the charge rate and the threshold level of the comparator are
both directly proportional to the supply voltage, the timing interval is independent of the
supply. Applying a negative pulse simultaneously to the reset terminal (pin 4) and the trigger
terminal (pin 2) during the timing cycle, discharges the external capacitor and causes the
cycle to start over. The timing cycle now starts on the positive edge of the reset pulse. While
the reset pulse is applied, the output is driven to the LOW state.
When a negative trigger pulse is applied to pin 2, the flip-flop is set, releasing the short
circuit across the external capacitor and driving the output HIGH. The voltage across the
capacitor increases exponentially with the time constant
τ = R x C.
When the voltage across the capacitor equals 2/3 VCC, the comparator resets the flip-flop
which then discharges the capacitor rapidly and drives the output to its LOW state.
Figure 5
shows the actual waveforms generated in this mode of operation. When reset is
not used, it should be tied high to avoid any possible or false triggering.
Figure 5. Timing diagram
VC C
Reset
Trigger
Out
R
C
Control Voltage
0.01 F
1/2
T S 5 5 6
CAPACITOR VOLTAGE = 2.0V/div
t = 0.1 ms / div
INPUT = 2.0V/div
OUTPUT VOLTAGE = 5.0V/div
R = 9.1k , C = 0.01 F , R = 1.0k
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com