Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS556 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS556
Description  Low-power dual CMOS timer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS556 Datasheet(HTML) 1 Page - STMicroelectronics

  TS556_V01 Datasheet HTML 1Page - STMicroelectronics TS556_V01 Datasheet HTML 2Page - STMicroelectronics TS556_V01 Datasheet HTML 3Page - STMicroelectronics TS556_V01 Datasheet HTML 4Page - STMicroelectronics TS556_V01 Datasheet HTML 5Page - STMicroelectronics TS556_V01 Datasheet HTML 6Page - STMicroelectronics TS556_V01 Datasheet HTML 7Page - STMicroelectronics TS556_V01 Datasheet HTML 8Page - STMicroelectronics TS556_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
January 2025
DocID4078 Rev 4
1/19
TS556
Low-power dual CMOS timer
Datasheet
- production data
Features
• Very low power consumption:
– 220 µA typ at VCC = 5 V
– 180 µA typ at VCC = 3 V
• High maximum astable frequency 2.7 MHz
• Pin-to-pin and functionally compatible with
bipolar NE556(a)
• Wide voltage range: 2 V to 16 V
• Supply current spikes reduced during output
transitions
• High input impedance: 1012 Ω
• Output compatible with TTL, CMOS and logic
MOS
Description
The TS556 is a dual CMOS timer which offers a
very low consumption:
(Icc(TYP) TS556 = 220 µA at VCC = 5 V versus
Icc(TYP) NE556
(a) = 6 mA),
and high frequency:
(f(max.) TS556 = 2.7 MHz versus
f(max.) NE556
(a) = 0.1 MHz)
In both monostable and astable modes, timing
remains very accurate.
The TS556 provides reduced supply current
spikes during output transitions, which enables
the use of lower decoupling capacitors compared
to those required by bipolar NE556(a).
Due to the high input impedance (1012
Ω), timing
capacitors can also be minimized.
a. Terminated product
Control
Voltage
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Discharge
Threshold
Reset
Output
Trigger
G N D
Control
Voltage
+V
Discharge
Threshold
Reset
Output
Trigger
S
SO14
(plastic micropackage)
Pin connections
(top view)
www.st.com


Similar Part No. - TS556_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS556C STMICROELECTRONICS-TS556C Datasheet
98Kb / 11P
LOW POWER DUAL CMOS TIMERS
Oct-1997
TS556C STMICROELECTRONICS-TS556C Datasheet
129Kb / 11P
LOW POWER DUAL CMOS TIMER
Feb-2003
TS556CD STMICROELECTRONICS-TS556CD Datasheet
98Kb / 11P
LOW POWER DUAL CMOS TIMERS
Oct-1997
TS556CN STMICROELECTRONICS-TS556CN Datasheet
98Kb / 11P
LOW POWER DUAL CMOS TIMERS
Oct-1997
TS556I STMICROELECTRONICS-TS556I Datasheet
98Kb / 11P
LOW POWER DUAL CMOS TIMERS
Oct-1997
More results

Similar Description - TS556_V01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
CMOS Timer
logo
Intersil Corporation
CDP1878C INTERSIL-CDP1878C Datasheet
61Kb / 13P
CMOS Dual Counter-Timer
March 1997
logo
STMicroelectronics
TS556 STMICROELECTRONICS-TS556 Datasheet
129Kb / 11P
LOW POWER DUAL CMOS TIMER
Feb-2003
TS555 STMICROELECTRONICS-TS555 Datasheet
220Kb / 12P
LOW POWER SINGLE CMOS TIMER
Feb-2003
logo
National Semiconductor ...
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
CMOS Timer
logo
STMicroelectronics
TS556 STMICROELECTRONICS-TS556_08 Datasheet
186Kb / 19P
Low-power dual CMOS timer
28-Oct-2008
TS555CDT STMICROELECTRONICS-TS555CDT Datasheet
234Kb / 20P
Low power single CMOS timer
03-Nov-2008
logo
Advanced Linear Devices
ALD7555 ALD-ALD7555 Datasheet
88Kb / 12P
SINGLE/DUAL CMOS ANALOG RC TIMER
logo
Texas Instruments
LMC555 TI1-LMC555_16 Datasheet
1Mb / 28P
CMOS Timer
logo
STMicroelectronics
TS555 STMICROELECTRONICS-TS555_V01 Datasheet
427Kb / 19P
Low-power single CMOS timer
24-Jun-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com