Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9744 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9744
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9744 Datasheet HTML 15Page - Analog Devices AD9744 Datasheet HTML 16Page - Analog Devices AD9744 Datasheet HTML 17Page - Analog Devices AD9744 Datasheet HTML 18Page - Analog Devices AD9744 Datasheet HTML 19Page - Analog Devices AD9744 Datasheet HTML 20Page - Analog Devices AD9744 Datasheet HTML 21Page - Analog Devices AD9744 Datasheet HTML 22Page - Analog Devices AD9744 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD9744
Rev. B | Page 19 of 32
Note that the ratio in Figure 39 is calculated as amps out/volts
in. Noise on the analog power supply has the effect of modulat-
ing the internal switches, and therefore the output current. The
voltage noise on AVDD, therefore, will be added in a nonlinear
manner to the desired IOUT. Due to the relative different size
of these switches, the PSRR is very code dependent. This can
produce a mixing effect that can modulate low frequency power
supply noise to higher frequencies. Worst-case PSRR for either
one of the differential DAC outputs will occur when the full-
scale current is directed toward that output. As a result, the
PSRR measurement in Figure 39 represents a worst-case condi-
tion in which the digital inputs remain static and the full-scale
output current of 20 mA is directed to the DAC output being
measured.
An example serves to illustrate the effect of supply noise on the
analog supply. Suppose a switching regulator with a switching
frequency of 250 kHz produces 10 mV of noise and, for
simplicity’s sake (ignoring harmonics), all of this noise is con-
centrated at 250 kHz. To calculate how much of this undesired
noise will appear as current noise superimposed on the DAC’s
full-scale current, IOUTFS, one must determine the PSRR in dB
using Figure 39 at 250 kHz. To calculate the PSRR for a given
RLOAD, such that the units of PSRR are converted from A/V to
V/V, adjust the curve in Figure 39 by the scaling factor 20 Ω log
(RLOAD). For instance, if RLOAD is 50 Ω, the PSRR is reduced
by 34 dB (that is, PSRR of the DAC at 250 kHz, which is 85 dB
in Figure 39, becomes 51 dB VOUT/VIN).
Proper grounding and decoupling should be a primary objec-
tive in any high speed, high resolution system. The AD9744
features separate analog and digital supplies and ground pins to
optimize the management of analog and digital ground currents
in a system. In general, AVDD, the analog supply, should be
decoupled to ACOM, the analog common, as close to the chip
as physically possible. Similarly, DVDD, the digital supply,
should be decoupled to DCOM as close to the chip as physically
possible.
For those applications that require a single 3.3 V supply for both
the analog and digital supplies, a clean analog supply may be
generated using the circuit shown in Figure 40. The circuit con-
sists of a differential LC filter with separate power supply and
return lines. Lower noise can be attained by using low ESR type
electrolytic and tantalum capacitors.
100
µF
ELECT.
0.1
µF
CER.
TTL/CMOS
LOGIC
CIRCUITS
3.3V
POWER SUPPLY
FERRITE
BEADS
AVDD
ACOM
10
µF–22µF
TANT.
Figure 40. Differential LC Filter for Single 3.3 V Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com