Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

677-501-23-R Datasheet(PDF) 1 Page - Marl International Limited

Part # 677-501-23-R
Description  PANEL INDICATOR LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

677-501-23-R Datasheet(HTML) 1 Page - Marl International Limited

  677-501-23-R Datasheet HTML 1Page - Marl International Limited 677-501-23-R Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
677 SERIES
PANEL INDICATOR LED
FEATURES
BENEFITS
• Ø8.1mmmounting
• Blackanodisedaluminiumhousing
• SealedtoIP67-weatherproof
• Wideviewingangle-smokedlens
• Internalpotting
• Reverseprotectiondiodefittedinallvoltagemodels
• RangeofLEDcolouroptions
• Rangeofvoltageoptions
• 'D'mountingholeaidsanti-rotation
• Suitableforportableequipment
• Suitableforexternalapplications
• Smokedlensgivesgoodon/offcontrastratio
• Suitableforhighvibrationapplications
• Protectsagainstwrongpolarityinstallation(voltagemodels)
• Suitableforstatuspanelindication
• Manufacturedwithinternalresistor(voltagemodels)
• Outstandingreliability
• Vandalresistant
MarlPart
Number
LEDColour
TypicalVoltage
Vopr
Max.Reverse
Voltage
TypicalCurrent
DCIopr
TypicalLED
Luminous
Intensity
TypicalLED
Wavelength
λp
Operating
Temp
Topr *
Storage
Temp
Tstg
677-501-04
Red
2.0**
3
20
458
619
-40to+75
-40to+100
677-521-04
Yellow
2.0**
3
20
440
585
-40to+75
-40to+100
677-532-04
Green
3.4**
3
20
2157
520
-40to+75
-40to+100
677-930-04
Blue
3.4**
3
20
452
468
-40to+75
-40to+100
677-997-04
CoolWhite
3.4**
3
20
1359
SeeBelow
-40to+75
-40to+100
677-501-20
Red
5-6
1000
10-17
236-346
619
-40to+75
-40to+100
677-521-20
Yellow
5-6
1000
10-17
217-330
585
-40to+75
-40to+100
677-532-20
Green
5-6
1000
3-8
814-1360
520
-40to+75
-40to+100
677-930-20
Blue
5-6
1000
5-15
154-364
468
-40to+75
-40to+100
677-997-20
CoolWhite
5-6
1000
4-13
393-1063
SeeBelow
-40to+75
-40to+100
677-501-21
Red
12
1000
19
458
619
-40to+75
-40to+100
677-521-21
Yellow
12
1000
19
440
585
-40to+75
-40to+100
677-532-21
Green
12
1000
15
1815
520
-40to+75
-40to+100
677-930-21
Blue
12
1000
16
364
468
-40to+75
-40to+100
677-997-21
CoolWhite
12
1000
20
1359
SeeBelow
-40to+75
-40to+100
677-501-23
Red
24-28
1000
16-20
346-458
619
-40to+75
-40to+100
677-521-23
Yellow
24-28
1000
16-20
330-440
585
-40to+75
-40to+100
677-532-23
Green
24-28
1000
16-20
1815-2157
520
-40to+75
-40to+100
677-930-23
Blue
24-28
1000
16-20
364-452
468
-40to+75
-40to+100
677-997-23
CoolWhite
24-28
1000
12-15
743-1063
SeeBelow
-40to+75
-40to+100
677-501-24
Red
48
1000
13
346
619
-40to+75
-40to+100
677-521-24
Yellow
48
1000
13
330
585
-40to+75
-40to+100
677-532-24
Green
48
1000
13
1815
520
-40to+75
-40to+100
677-930-24
Blue
48
1000
13
364
468
-40to+75
-40to+100
677-997-24
CoolWhite
48
1000
13
1063
SeeBelow
-40to+75
-40to+100
Vdc(unlessstated)Vdc
mA
mcd
nm
°C
°C
TypicalEmissionColoursCoolWhiteLED
X
0.275
0.28
0.29
Y
0.27
0.28
0.30
OPTIONAL FLYING LEAD TERMINATORS
MarlPart No
Suffix
WireLength
WireColour
No/Diameterof
Conductors
DiameterofInsulation WireSpecification
677-501-04-15
150mm
Red-Anode
Black-Cathode
19/0.16mm
1.2mm
Type44,22Gauge
HighPerformanceWire
677-501-04-19
1000mm
NOTES
Intensities(lv)andcolourshadesofwhite(X-Yco-ordinates)mayvarybetweenLEDswithinabatch. AdditionalLEDColours,VoltageOptionsandFlyingLeadlengthsavailableforsemi-
customprojects. PleasecontactourSalesTeam. AllLEDcomponentsaresuppliedinanti-staticpackaging.
*CharacteristicsatTa=25°C.Foroperatingtemperaturederatinggraphs,pleaserefertosheet2.
**TheseareCurrentmodelsandthevoltageshownisVfat20mA,notVopr.Additionally,thereisnoreverseprotectiondiodeorresistorinCurrentmodels.
Toorderpleasecontactuson+44(0)1229582430
F+44(0)1229585155 | Esales@marl.co.uk | www.leds.co.uk
Q05480
DSN677Version007/2017. Page1of2
marlleds marlinternationallimited company/marl-international-limited


Similar Part No. - 677-501-23-R

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
677-501-23-15 MARL-677-501-23-15 Datasheet
459Kb / 5P
EMC version with internal stainless steel mesh 횠8.1mm mounting
677-501-23-19 MARL-677-501-23-19 Datasheet
459Kb / 5P
EMC version with internal stainless steel mesh 횠8.1mm mounting
677-501-23-53 MARL-677-501-23-53 Datasheet
459Kb / 5P
EMC version with internal stainless steel mesh 횠8.1mm mounting
677-501-23-53 MARL-677-501-23-53 Datasheet
459Kb / 5P
high performance panel lamps
677-501-23-53 MARL-677-501-23-53 Datasheet
230Kb / 2P
PANEL INDICATOR LED
More results

Similar Description - 677-501-23-R

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
699-501-63 MARL-699-501-63_14 Datasheet
266Kb / 2P
PANEL INDICATOR LED
692-501-04 MARL-692-501-04 Datasheet
249Kb / 2P
PANEL INDICATOR LED
677-501-04 MARL-677-501-04_15 Datasheet
254Kb / 2P
PANEL INDICATOR LED
604-301-04 MARL-604-301-04_14 Datasheet
295Kb / 2P
PANEL INDICATOR LED
537-501-63 MARL-537-501-63_14 Datasheet
256Kb / 2P
PANEL INDICATOR LED
534-501-63 MARL-534-501-63_14 Datasheet
274Kb / 2P
PANEL INDICATOR LED
531-501-63 MARL-531-501-63_14 Datasheet
276Kb / 2P
PANEL INDICATOR LED
528-501-04 MARL-528-501-04_16 Datasheet
255Kb / 2P
PANEL INDICATOR LED
520-301-04 MARL-520-301-04_14 Datasheet
277Kb / 2P
PANEL INDICATOR LED
508-501-04 MARL-508-501-04_14 Datasheet
282Kb / 2P
PANEL INDICATOR LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com