Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

677-501-23-R Datasheet(PDF) 2 Page - Marl International Limited

Part # 677-501-23-R
Description  PANEL INDICATOR LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

677-501-23-R Datasheet(HTML) 2 Page - Marl International Limited

  677-501-23-R Datasheet HTML 1Page - Marl International Limited 677-501-23-R Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
677 SERIES
PANEL INDICATOR LED
Toorderpleasecontactuson+44(0)1229582430
F+44(0)1229585155 | Esales@marl.co.uk | www.leds.co.uk
Q05480
DSN677Version007/2017. Page2of2
TECHNICAL CHARACTERISTICS
Series
Max.Power
Dissipation
PanelCutout
NutMounting
Torque
Min.Mounting
Centres
Min-Max.Panel
Thickness
677
700
8.1
0.6
14.5
1.5-13.0
mW
mm
Nm
mm
mm
TECHNICAL DRAWING
Weight(g):5.3
Dimensionsinmm(typical).Nottoscale.Mountingholetobecleanandburrfree. Anodeterminationdenotedbyredsleeve.
11.5
3.2
23.8
9
2.8
7
8.1+0.1
0
+0.1
0
Mounting Hole
3
7.5
PUSH ON CONNECTOR
14.5
925-000-00isbrasstinplated-forusewith677series
lamps. Dimensionsinmm(typical). Nottoscale.
DE-RATING GRAPHS
MATERIALS
50
40
30
20
10
0
020
40
60
80
100
Ambient Temperature Ta (°C)
Red / Green / Blue / Cool White LED
50
40
30
20
10
0
020
40
60
80
100
Ambient Temperature Ta (°C)
Yellow LED
Body
BlackAnodisedAluminium
Nut
NickelPlatedBrass
PanelSeal
Viton
FresnelLens
Polycarbonate
Encapsulation
BlackPolyurethane
LockWasher
SpringSteel
Termination
SilverFlashCoatedBrass
DESIGN CONSIDERATIONS
Electro-StaticDischarge(ESD)
Buildupofelectro-staticdischargeoccursinmanysituations
involvingpeoplemovingandhandlingproducts.Therange
of possible situations is very diverse but voltage levels as
high as several thousand volts can and do arise in many
individualsituations.Whenanoperatorchargeduptothese
levels handles a static sensitive device, there is a very
probable likelihood that the device will be irreversibly
damaged. It is essential that precautions are taken at all
stagesduringmanufactureandassemblyoftheseproducts.
AlthoughLEDswereneverconsideredtobestaticsensitive
devices,changesinmanufacturingtechnologyandmaterials
usedtoproducehigherintensityproductsoveralargerange
of the wavelength spectrum have changed this. Marl has
anapprovedsystemofESDcontrolfromgoodsin,through
production and into final packing and despatch. Marl
recommend all users of LED based products follow the
current BSI guidelines for protection of electronic devices
fromelectrostaticphenomena.
Voltage,CurrentandTemperature
Theforwardvoltage/currentvalueofanLEDisdependent
upontheambienttemperatureoftheenvironmentinwhich
itisoperated.Therefore,caremustbetakentooperatethe
LEDatthecorrectvoltage/currentvalues,dependingupon
theambienttemperature.
Marl should be contacted if the device is to be operated
outside the temperature range specified. Marl accept no
liability for any product that is operated outside the stated
voltageortemperaturerange.
marlleds marlinternationallimited company/marl-international-limited



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com