Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS5541B Datasheet(PDF) 9 Page - Intersema Sensoric SA

Part # MS5541B
Description  MINIATURE 14 bar MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5541B Datasheet(HTML) 9 Page - Intersema Sensoric SA

Back Button MS5541B Datasheet HTML 5Page - Intersema Sensoric SA MS5541B Datasheet HTML 6Page - Intersema Sensoric SA MS5541B Datasheet HTML 7Page - Intersema Sensoric SA MS5541B Datasheet HTML 8Page - Intersema Sensoric SA MS5541B Datasheet HTML 9Page - Intersema Sensoric SA MS5541B Datasheet HTML 10Page - Intersema Sensoric SA MS5541B Datasheet HTML 11Page - Intersema Sensoric SA MS5541B Datasheet HTML 12Page - Intersema Sensoric SA MS5541B Datasheet HTML 13Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DA5541B_005.doc
September 25th, 2006
9
00005541766 ECN865
FUNCTION
GENERAL
The MS5541B consists of a piezoresistive sensor and a sensor interface IC. The main function of the MS5541B
is to convert the uncompensated analog output voltage from the piezoresistive pressure sensor into a 16-Bit
digital value, as well as providing a 16-Bit digital value for the temperature of the sensor.
• measured pressure (16-Bit)
“D1”
• measured temperature (16-Bit)
“D2”
As the output voltage of a pressure sensor is strongly dependent on temperature and process tolerances, it is
necessary to compensate for these effects. This compensation procedure must be performed by software using
an external microcontroller.
For both pressure and temperature measurement the same ADC is used (sigma delta converter):
• for the pressure measurement, the differential output voltage from the pressure sensor is converted
• for the temperature measurement, the sensor bridge resistor is sensed and converted
During both measurements the sensor will only be switched on for a very short time in order to reduce power
consumption. As both, the bridge bias and the reference voltage for the ADC are derived from VDD, the digital
output data is independent of the supply voltage.
FACTORY CALIBRATION
Every module is individually factory calibrated at two temperatures and two pressures. As a result, 6 coefficients
necessary to compensate for process variations and temperature variations are calculated and stored in the 64-
Bit PROM of each module. These 64-Bit (partitioned into four words of 16-Bit) must be read by the
microcontroller software and used in the program converting D1 and D2 into compensated pressure and
temperature values.
PRESSURE AND TEMPERATURE MEASUREMENT
The sequence of reading pressure and temperature as well as of performing the software compensation is
depicted in flow chart, Fig. 3 and Fig. 5.
First the WORD1 to WORD4 have to be read through the serial interface. This can be done once after reset of
the microcontroller that interfaces to the MS5541B. Next the compensation coefficients C1 to C6 are extracted
using Bit-wise logical- and shift-operations (refer to Fig. 4 for the Bit-pattern of word 1 to word 4).
For the pressure measurement the microcontroller has to read the 16 Bit values for pressure (D1) and
temperature (D2) via the serial interface in a loop (for instance every second). Then, the compensated pressure
is calculated out of D1, D2 and C1 to C6 according to the algorithm in Fig. 3 (possibly using quadratic
temperature compensation according to Fig. 5). All calculations can be performed with signed 16-Bit variables.
Results of multiplications may be up to 32-Bit long (+sign). In the flow according to Fig. 3 each multiplication is
followed by a division. This division can be performed by Bit-wise shifting (divisors are to the power of 2). It is
ensured that the results of these divisions are less than 65536 (16-Bit).
For the timing of signals to read out WORD1 to WORD4, D1, and D2 please refer to the paragraph “SERIAL
INTERFACE”.
Sensor
D1
D2
Word1..4
Calculation
in external
micro-
controller
Pressure
Temperature
re



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com