Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS5541B Datasheet(PDF) 1 Page - Intersema Sensoric SA

Part # MS5541B
Description  MINIATURE 14 bar MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5541B Datasheet(HTML) 1 Page - Intersema Sensoric SA

  MS5541B Datasheet HTML 1Page - Intersema Sensoric SA MS5541B Datasheet HTML 2Page - Intersema Sensoric SA MS5541B Datasheet HTML 3Page - Intersema Sensoric SA MS5541B Datasheet HTML 4Page - Intersema Sensoric SA MS5541B Datasheet HTML 5Page - Intersema Sensoric SA MS5541B Datasheet HTML 6Page - Intersema Sensoric SA MS5541B Datasheet HTML 7Page - Intersema Sensoric SA MS5541B Datasheet HTML 8Page - Intersema Sensoric SA MS5541B Datasheet HTML 9Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DA5541B_005.doc
September 25th, 2006
1
00005541766 ECN865
MS5541B (RoHS*)
MINIATURE 14 bar MODULE
• Integrated pressure sensor 6.2x6.4 mm
• Pressure range 0 - 14 bar (200 PSI)
• 15 Bit ADC
• 6 coefficients for a software compensation stored
on-chip
• 3-wire serial interface
• 1 system clock line (32.768 kHz)
• Low voltage / low power
• RoHS-compatible & Pb-free*
DESCRIPTION
The MS5541B is the miniature version of the popular MS5535B pressure sensor module. It contains a precision
piezoresistive pressure sensor and an improved version of the 15 Bit Micropower Sensor interface IC known
from the MS5535B. Compared to the MS5535A the temperature range has been improved
(-40 to +85°C).
Other improvements concern the ESD sensitivity, current consumption and converter accuracy. In addition to
this the MS5541B is from its outer dimensions compatible to the MS54xx series of pressure sensors. It uses an
antimagnetic polished stainless steel ring for sealing with O-ring. The sensor provides 15 Bit pressure and
temperature data via a 3 wire serial interface that can be easily interfaced with 4 Bit low power microcontrollers.
64 Bit of factory programmed PROM provides calibration data for a highly accurate pressure and temperature
calculation. The MS5541B is fully software compatible to the MS5535B and MS5535A.
FEATURES
APPLICATIONS
•
Resolution 1.2 mbar
•
Small size 6.2x6.4 mm
•
Supply voltage 2.2 V to 3.6 V
•
No external components required
•
Operating current < 5uA
•
Diving computers and divers watches
•
Standby current < 0.1uA
•
Mobile water depth measurement systems
•
-40°C to +85°C
BLOCK DIAGRAM
VDD
GND
MCLK
SCLK
DOUT
DIN
Input MUX
ADC
Digital
Interface
Memory
(PROM)
64 bits
SENSOR
SGND
+IN
-IN
dig.
Filter
Sensor
Interface IC
Fig.: 1 Block Diagram 5541B
* The European RoHS directive 2002/95/EC (Restriction of the use of certain Hazardous Substances in electrical and electronic
equipment) bans the use of lead, mercury, cadmium, hexavalent chromium and polybrominated biphenyls (PBB) or polybrominated
diphenyl ethers (PBDE).


Similar Part No. - MS5541B

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5541-30C INTERSEMA-MS5541-30C Datasheet
280Kb / 19P
MINIATURE 30 bar MODULE
logo
TE Connectivity Ltd
MS5541-30C TEC-MS5541-30C Datasheet
431Kb / 19P
6 coefficients for software compensation stored on-chip
logo
Intersema Sensoric SA
MS5541-30CM INTERSEMA-MS5541-30CM Datasheet
280Kb / 19P
MINIATURE 30 bar MODULE
MS5541-CM INTERSEMA-MS5541-CM Datasheet
283Kb / 19P
MINIATURE 14 bar MODULE
MS5541C INTERSEMA-MS5541C Datasheet
283Kb / 19P
MINIATURE 14 bar MODULE
More results

Similar Description - MS5541B

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
LM-FB26B CML-LM-FB26B Datasheet
194Kb / 1P
Flexible Bar LED Module - Blue
LM-FB26G CML-LM-FB26G Datasheet
196Kb / 1P
Flexible Bar LED Module - Green
LM-FB26W CML-LM-FB26W Datasheet
198Kb / 1P
Flexible Bar LED Module - White
LM-FB26W-12 CML-LM-FB26W-12 Datasheet
199Kb / 1P
Flexible Bar LED Module - White
logo
Intersema Sensoric SA
MS5541-30C INTERSEMA-MS5541-30C Datasheet
280Kb / 19P
MINIATURE 30 bar MODULE
MS5541C INTERSEMA-MS5541C Datasheet
283Kb / 19P
MINIATURE 14 bar MODULE
logo
Pomona Electronics
2035 POMONA-2035 Datasheet
40Kb / 1P
Miniature Double Banana Shorting Bar Plug
3030 POMONA-3030 Datasheet
25Kb / 1P
Miniature Double Banana Plug Shorting Bar
logo
STANLEY ELECTRIC CO.,LT...
MU92 STANLEY-MU92 Datasheet
256Kb / 14P
Single Color / Light Bar Module
logo
Belden Inc.
8012 BELDEN-8012 Datasheet
152Kb / 2P
Bus Bar Wire, #14 Sol TC
05-05-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com