Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4000 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4000
Description  NOR GATE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4000 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4000 Datasheet HTML 1Page - STMicroelectronics HCF4000 Datasheet HTML 2Page - STMicroelectronics HCF4000 Datasheet HTML 3Page - STMicroelectronics HCF4000 Datasheet HTML 4Page - STMicroelectronics HCF4000 Datasheet HTML 5Page - STMicroelectronics HCF4000 Datasheet HTML 6Page - STMicroelectronics HCF4000 Datasheet HTML 7Page - STMicroelectronics HCF4000 Datasheet HTML 8Page - STMicroelectronics HCF4000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HCC/HCF4000B-4001B
HCC/HCF4002B-4025B
September 1988
NOR GATE
EY
(Plastic Package)
DESCRIPTION
ORDER CODES :
HCCXXXXBF
HCFXXXXBM1
HCFXXXXBEY
HCFXXXXBC1
F
(Ceramic Package)
M1
(Micro Package)
C1
(Chip Carrier)
PIN CONNECTIONS
The HCC4000B, HCC4001B, HCC4002B and
HCC4025B (extended temperature range) and
HCF4000B,
HCF4001B,
HCF4002B
and
HCF4025B (intermediate temperature range) are
monolithic integrated circuit, available in 14-lead
dual in line plastic or ceramic package and plastic
.
PROPAGATION DELAY TIME = 60 ns (typ.) AT
CL = 50 pF, VDD =10 V
.
BUFFERED INPUTS AND OUTPUTS
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
QUIESCENT CURRENT SPECIFIED TO 20 V
FOR HCC DEVICE
.
5V, 10V AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
oC
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N. 13A, ” STANDARD
SPECIFICATIONS FOR DESCRIPTION OF B
SERIES CMOS DEVICES ”
4000B–DUAL 3 INPUT PLUS INVERTER
4001B–QUAD 2 INPUT
4002B-DUAL 4 INPUT
4025B TRIPLE 3 INPUT
micropackage.
The HCC/HCF4000B, HCC/HCF4001B, HCC/HCF
4002B and HCC/HCF4025B nor gate provide the
system designer with direct implementation of the
nor function and supplement the existing family of
COS/MOS gates. All inputs and outputs are buf-
fered.
4000B
4002B
4001B
4025B
1/13


Similar Part No. - HCF4000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4001B STMICROELECTRONICS-HCF4001B Datasheet
110Kb / 8P
QUAD 2-INPUT NOR GATE
Mar-2004
HCF4001BEY STMICROELECTRONICS-HCF4001BEY Datasheet
110Kb / 8P
QUAD 2-INPUT NOR GATE
Mar-2004
HCF4001BM1 STMICROELECTRONICS-HCF4001BM1 Datasheet
110Kb / 8P
QUAD 2-INPUT NOR GATE
Mar-2004
HCF4001M013TR STMICROELECTRONICS-HCF4001M013TR Datasheet
110Kb / 8P
QUAD 2-INPUT NOR GATE
Mar-2004
HCF4002B STMICROELECTRONICS-HCF4002B Datasheet
131Kb / 7P
DUAL 4-INPUT NOR GATE
Sep-2001
More results

Similar Description - HCF4000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10101 ONSEMI-MC10101 Datasheet
100Kb / 5P
Quad OR/NOR Gate
1996 REV 5
logo
NXP Semiconductors
HEF4078B PHILIPS-HEF4078B Datasheet
28Kb / 3P
8-input NOR gate
January 1995
logo
Intersil Corporation
CD4000BMS INTERSIL-CD4000BMS Datasheet
143Kb / 9P
CMOS NOR Gate
November 1994
logo
List of Unclassifed Man...
9015 ETC1-9015 Datasheet
103Kb / 2P
QUAD NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
2-input NOR Gate
logo
Diodes Incorporated
74AUP2G02 DIODES-74AUP2G02 Datasheet
253Kb / 9P
DUAL NOR GATE
Rev 1
logo
Renesas Technology Corp
CD4000BMS RENESAS-CD4000BMS Datasheet
409Kb / 9P
CMOS NOR Gate
November 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com