Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF15005 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # DF15005
Description  SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

DF15005 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  DF15005 Datasheet HTML 1Page - HY ELECTRONIC CORP. DF15005 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
DF15005 thru DF1510
~ 226 ~
NUMBER OFCYCLES AT 60Hz
FIG.2-MXIMUM NON-REPETITIVE
SURGE CURRENT
0
10
20
30
40
50
1
2
5
10
20
50
100
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
TJ=25℃
PULSE WIDTH:300us
2% DUTY CYCLE
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FIG.3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(VOLTS)
10.0
100
0.1
1.0
4.0
1.0
10
100
TJ=25℃,f=1MHZ
50
100
150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG.1-FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE,
°C
FIG.5-TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0
20
40
60
80
100
120
140
0.01
0.1
1.0
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com