Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF15005 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # DF15005
Description  SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

DF15005 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  DF15005 Datasheet HTML 1Page - HY ELECTRONIC CORP. DF15005 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
●Rating to 1000V PRV
●Ideal for printed circuit board
●Low forward voltage drop,high current capability
●Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
●Lead tin Pb/Sn copper
●The plastic material has UL flammability
classification 94V-0
MECHANICAL DATA
●Polarit:As marked on Body
●Weight:0.02 ounces,0.38 gras
●Mounting position:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
DF
DF
DF
DF
DF
DF
DF
15005
1501
1502
1504
1506
1508
1510
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=40℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC .Method)
Maximum Forward Voltage at 1.5A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Typical Junction capacitance Per Element(Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJC
℃/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC
SYMBOL
IR
10
uA
50
A
IFSM
DF15005 thru DF1510
-55 to +150
10.4
-55 to +150
Dimensions in inches and (millimeters)
1.5
A
UNIT
with 0.5*0.5"(13*13mm) copper pads.
25
2.Thermal resistance from junction to ambient mounted on P.C.B
CHARACTERISTICS
~ 225 ~
SURFACE MOUNT
GLASS PASSIVATED
BRIDEG RECTIFIERS
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 1.5 Amperes
40
1.1
500
I(AV)
DF
.335(8.5)
.307(7.8)
.244(6.2)
.256(6.5)
.031(0.8)
.023(0.6)
.311(7.9)
.350(8.9)
.323(8.2)
.315(8.0)
.089(2.2)
.102(2.6)
.079(2.0)
.059(1.5)
.197(5.0)
.205(5.2)
.022(0.55)
.018(0.45)
.193(4.9)
.165(4.2)


Similar Part No. - DF15005

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
DF15005 FCI-DF15005 Datasheet
110Kb / 2P
1.5 Amp Glass Passivated Single Phase Silicon Bridge
logo
PACELEADER INDUSTRIAL
DF15005 PACELEADER-DF15005 Datasheet
179Kb / 2P
SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diotech Company.
DF15005 DIOTECH-DF15005 Datasheet
948Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bruckewell Technology L...
DF15005 BWTECH-DF15005 Datasheet
149Kb / 2P
SURFACE MOUNT MINI BRIDGE RECTIFIERS
logo
Formosa MS
DF15005 FORMOSA-DF15005 Datasheet
144Kb / 6P
Bridge Rectifier
More results

Similar Description - DF15005

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101 Datasheet
39Kb / 2P
GLASS PASSIVATED BRIDEG RECTIFIERS
DB101S HY-DB101S Datasheet
40Kb / 2P
GLASS PASSIVATED BRIDEG RECTIFIERS
DB151 HY-DB151 Datasheet
40Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DB151S HY-DB151S Datasheet
40Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DB201 HY-DB201 Datasheet
39Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DB201S HY-DB201S Datasheet
39Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF2005 HY-DF2005 Datasheet
38Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF2005S HY-DF2005S Datasheet
38Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF15005S HY-DF15005S Datasheet
42Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
logo
Gaomi Xinghe Electronic...
DB107 GXELECTRONICS-DB107 Datasheet
312Kb / 2P
GLASS PASSIVATED BRIDEG RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com