Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7296F Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT7296F
Description  3A, 17V Current Mode Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296F Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT7296F Datasheet HTML 1Page - Richtek Technology Corporation RT7296F Datasheet HTML 2Page - Richtek Technology Corporation RT7296F Datasheet HTML 3Page - Richtek Technology Corporation RT7296F Datasheet HTML 4Page - Richtek Technology Corporation RT7296F Datasheet HTML 5Page - Richtek Technology Corporation RT7296F Datasheet HTML 6Page - Richtek Technology Corporation RT7296F Datasheet HTML 7Page - Richtek Technology Corporation RT7296F Datasheet HTML 8Page - Richtek Technology Corporation RT7296F Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT7296F
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7296F-06
September
2023
2
Pin Configuration
(TOP VIEW)
5
3
4
6
8
2
7
TSOT-23-8 (FC)
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
PG
Power good output. This pin is an open drain which can be connected to
PVCC by a resistor. If output voltage achieve 90% of the normal voltage, the
PG pin will go high after 400
s delay.
2
VIN
Power input. Support 4.5V to17V Input Voltage. Must bypass with a ceramic
capacitor at this pin.
3
SW
Switch node. Connect to external L-C filter.
4
GND
System ground.
5
BOOT
Bootstrap supply for high-side gate driver. Connect a 0.1
F ceramic capacitor
between the BOOT and SW pins.
6
EN/SYNC
Enable control input. High = Enable. Apply an external clock to adjust the
switching frequency. If using pull high resistor connected to VIN, the
recommended value range is 60k
 to 300k.
7
PVCC
5V Bias supply output
. Connect a minimum of 0.1F capacitor to ground.
8
FB
Feedback voltage input. The pin is used to set the output voltage of the
converter to regulate to the desired voltage via a resistive divider. Feedback
reference = 0.807V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com