Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7296F Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7296F
Description  3A, 17V Current Mode Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296F Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7296F Datasheet HTML 1Page - Richtek Technology Corporation RT7296F Datasheet HTML 2Page - Richtek Technology Corporation RT7296F Datasheet HTML 3Page - Richtek Technology Corporation RT7296F Datasheet HTML 4Page - Richtek Technology Corporation RT7296F Datasheet HTML 5Page - Richtek Technology Corporation RT7296F Datasheet HTML 6Page - Richtek Technology Corporation RT7296F Datasheet HTML 7Page - Richtek Technology Corporation RT7296F Datasheet HTML 8Page - Richtek Technology Corporation RT7296F Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT7296F
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7296F-06
September
2023
www.richtek.com
1
3A, 17V Current Mode Synchronous Step-Down Converter
General Description
The RT7296F is a high-efficiency, 3A current mode
synchronous step-down DC-DC converter with a wide
input voltage range from 4.5V to 17V. The device
integrates
80m
 high-side and 30m low-side
MOSFETs to achieve high efficiency conversion. The
current
mode
control
architecture
supports
fast
transient response and internal compensation. The
RT7296F provides power good pin to be an output
voltage ready indicator. A cycle-by-cycle current limit
function provides protection against shorted output.
The RT7296F provides complete protection functions
such
as
input
undervoltage
lockout,
output
undervoltage protection, overcurrent protection, and
thermal shutdown. The PWM frequency is adjustable
by the EN/SYNC pin. The RT7296F is available in the
TSOT-23-8 (FC) package.
The recommended junction temperature range is
−40C to 125C and ambient temperature range is
−40C to 85C.
Ordering Information
Package Type
J8F: TSOT-23-8 (FC)
Lead Plating System
G: Richtek Green Policy Compliant
RT7296F
Note:
Richtek products are Richtek Green Policy compliant
and
compatible
with
the
current
requirements
of
IPC/JEDEC J-STD-020.
Features
⚫
4.5V to 17V Input Voltage Range
⚫
3A Output Current
⚫
Internal N-Channel MOSFETs
⚫
Current Mode Control
⚫
Fixed Switching Frequency: 500kHz
⚫
Synchronous to External Clock: 200kHz to 2MHz
⚫
Cycle-by-Cycle Current Limit
⚫
Internal Soft-Start Function
⚫
Power Saving Mode at Light Load
⚫
Power Good Indicator
⚫
Input Undervoltage Lockout
⚫
Output Undervoltage Protection
⚫
Thermal Shutdown
⚫
RoHS Compliant and Halogen Free
Applications
⚫
Industrial and Commercial Low Power Systems
⚫
Computer Peripherals
⚫
LCD Monitors and TVs
⚫
Set-top Boxes
Marking Information
08=DNN
08= : Product Code
DNN : Date Code
Simplified Application Circuit
Enable
VIN
EN/SYNC
GND
BOOT
FB
SW
VOUT
VIN
RT7296F
R5
R1
R2
PVCC
PG
C3
C4
C2
L1
C1
R3


Similar Part No. - RT7296F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7296C RICHTEK-RT7296C Datasheet
803Kb / 13P
The RT7296C is a high-efficiency
More results

Similar Description - RT7296F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
logo
Eutech Microelectronics...
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
3A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7251A RICHTEK-RT7251A Datasheet
241Kb / 14P
1.5A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7253A RICHTEK-RT7253A Datasheet
192Kb / 14P
3A, 17V, 340kHz Synchronous Step-Down Converter
RT7256B RICHTEK-RT7256B Datasheet
224Kb / 14P
3A, 17V, 1.2MHz Synchronous Step-Down Converter
RT7271A RICHTEK-RT7271A Datasheet
218Kb / 14P
6A, 17V, 500kHz CSP Synchronous Step-Down Converter
logo
Texas Instruments
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
4-17V 3A Step-Down Converter with DCS-ControlTM
logo
Eutech Microelectronics...
EUP3226 EUTECH-EUP3226 Datasheet
736Kb / 1P
3A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
3A, 17V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com