Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1207310 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1207310
Description  CF-10 FUSE 250V SET - Replacement fuse
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1207310 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1207310 Datasheet HTML 1Page - PHOENIX CONTACT 1207310 Datasheet HTML 2Page - PHOENIX CONTACT 1207310 Datasheet HTML 3Page - PHOENIX CONTACT 1207310 Datasheet HTML 4Page - PHOENIX CONTACT 1207310 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Fuse
Electrical properties
Rated voltage
250 V
Fuse
2 A slow-blow (T)
Dimensions
Dimensions
5 x 20 mm
CF-10 FUSE 250V SET - Replacement fuse
1207310
https://www.phoenixcontact.com/us/products/1207310
Nov 18, 2025, 12:21AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com