Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1207310 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1207310
Description  CF-10 FUSE 250V SET - Replacement fuse
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1207310 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1207310 Datasheet HTML 1Page - PHOENIX CONTACT 1207310 Datasheet HTML 2Page - PHOENIX CONTACT 1207310 Datasheet HTML 3Page - PHOENIX CONTACT 1207310 Datasheet HTML 4Page - PHOENIX CONTACT 1207310 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Accessories for automatic crimping device
Commercial data
Item number
1207310
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BH32
Product key
BH321Y
GTIN
4017918201869
Weight per piece (including packing)
4.9 g
Weight per piece (excluding packing)
4.9 g
Customs tariff number
85361010
Country of origin
DE
CF-10 FUSE 250V SET - Replacement fuse
1207310
https://www.phoenixcontact.com/us/products/1207310
Nov 18, 2025, 12:21AM
Page 1 (5)


Similar Part No. - 1207310

ManufacturerPart #DatasheetDescription
logo
Heyco.
12073 HEYCO-12073 Datasheet
101Kb / 1P
Vinyl Coated Steel Clamps
logo
PHOENIX CONTACT
1207365 PHOENIX-1207365 Datasheet
46Kb / 2P
Stripping tool - QUICK WIREFOX 18
1207378 PHOENIX-1207378 Datasheet
183Kb / 5P
QUICK WIREFOX 18 EM - Spare knife
1207394 PHOENIX-1207394 Datasheet
47Kb / 2P
Tool set - TOOLBOX
More results

Similar Description - 1207310

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DTI250V SCHURTER-DTI250V Datasheet
199Kb / 2P
Fuse DTI 250V
logo
HuaXinAn Electronics CO...
JK250020U HUAXINAN-JK250020U_V01 Datasheet
383Kb / 5P
Resettable Fuse PTC 250V Series
JK250-020U HUAXINAN-JK250-020U Datasheet
383Kb / 5P
Resettable Fuse PTC 250V Series
logo
Schurter Inc.
DTI250V SCHURTER-DTI250V_V01 Datasheet
210Kb / 2P
Fuse DTI 250V
04.01.2022
logo
PHOENIX CONTACT
2905277 PHOENIX-2905277 Datasheet
54Kb / 2P
Fuse set - FUSE/TE5/1A/F-10PCS
09/12/2020
2905605 PHOENIX-2905605 Datasheet
54Kb / 2P
Fuse set - FUSE/TE5/6.3A/T-10PCS
09/12/2020
2907188 PHOENIX-2907188 Datasheet
51Kb / 2P
Fuse set - FUSE/TE5/160MA/F-10PCS
09/12/2020
2907190 PHOENIX-2907190 Datasheet
51Kb / 2P
Fuse set - FUSE/TE5/5A/T-10PCS
09/12/2020
2907426 PHOENIX-2907426 Datasheet
54Kb / 2P
Fuse set - FUSE/NANO/10A/F-10PCS
09/12/2020
1212685 PHOENIX-1212685 Datasheet
55Kb / 3P
Replacement fuse - FUSE SB 2.0A/250V
12/24/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com