Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34TR Datasheet(PDF) 47 Page - STMicroelectronics

Part # STPM34TR
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34TR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STPM34TR Datasheet HTML 43Page - STMicroelectronics STPM34TR Datasheet HTML 44Page - STMicroelectronics STPM34TR Datasheet HTML 45Page - STMicroelectronics STPM34TR Datasheet HTML 46Page - STMicroelectronics STPM34TR Datasheet HTML 47Page - STMicroelectronics STPM34TR Datasheet HTML 48Page - STMicroelectronics STPM34TR Datasheet HTML 49Page - STMicroelectronics STPM34TR Datasheet HTML 50Page - STMicroelectronics STPM34TR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 89 page
background image
Figure 49. Memory data organization
Read Address
Write Address
LS Data [7:0]
MS Data [15:8]
Data [7:0]
Data [15:8]
Data [23:16]
Data [31:24]
Data [7:0]
Data [15:8]
Data [23:16]
Data [31:24]
Data [7:0]
Data [15:8]
Data [23:16]
Data [31:24]
LS Data [7:0]
MS Data [15:8]
32 bits
16 bits
Two different codes are used for the read address space and write address space, which can be found in the
register map.
8.6.1
Synchronization and remote reset functionality
Data into read-only registers are updated internally by DSP with frequency: 7.8125 kHz (clock frequency
measure). Latching is used to sample the updated results into transmission latches. The transmission latches are
flip-flops holding the data in the communication interface.
Data latching can be implemented in three ways:
•
Using SYN and SCS pin
•
Writing the channel latch bits before each reading (S/W Latchx in DSP_CR3)
•
Writing auto-latch bit (S/W Auto Latch in DSP_CR3) to automatically latch data registers every clock
measure period (128 μs).
The remote reset can be performed in two ways:
•
Using SYN and SCS pin
•
Writing the reset bit (S/W reset in DSP_CR3).
SYN pin: latching, reset and global reset
Latching of internal memory registers can be carried out by producing pulses of a given width on SYN pin while
SCS line is high as depicted in Figure 50.
If a single pulse on SYN is detected, latch occurs.
If two consecutive pulses are detected, a reset of measurement registers occurs and the counters are reset, as
well.
If three consecutive pulses are detected, a global reset occurs, the configuration is also reset and the chip must
be initialized again.
Note:
To ensure a correct initialization of DSP, it is recommended to perform a global reset through three SYN pulses
at start up and before setting configuration bits.
Figure 50. Latching and reset through SYN pulses
SCS
SYN
timeline
Latch edges
Reset edge
Latch pulse width and other SPI timings are reported in Table 4.
STPM32, STPM33, STPM34
Communication protocol
DS10272 - Rev 13
page 47/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com