Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM34TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPM34TR
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34TR Datasheet(HTML) 1 Page - STMicroelectronics

  STPM34TR Datasheet HTML 1Page - STMicroelectronics STPM34TR Datasheet HTML 2Page - STMicroelectronics STPM34TR Datasheet HTML 3Page - STMicroelectronics STPM34TR Datasheet HTML 4Page - STMicroelectronics STPM34TR Datasheet HTML 5Page - STMicroelectronics STPM34TR Datasheet HTML 6Page - STMicroelectronics STPM34TR Datasheet HTML 7Page - STMicroelectronics STPM34TR Datasheet HTML 8Page - STMicroelectronics STPM34TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
Features
•
Active power accuracy:
–
< 0.1% error over 5000 : 1 dynamic range
–
< 0.5% error over 10000 : 1 dynamic range
•
Exceeds 50-60 Hz EN 50470-x, IEC 62053-2x,
ANSI12.2x standard requirements for AC watt meters
•
Reactive power accuracy:
–
< 0.1% error over 2000 : 1 dynamic range
•
Dual mode apparent energy calculation
•
Instantaneous and averaged power
•
RMS and instantaneous voltage and current
•
Under and overvoltage detection (sag and swell) and monitoring
•
Overcurrent detection and monitoring
•
UART and SPI serial interface with programmable CRC polynomial verification
•
Programmable LED and interrupt outputs
•
Four independent 24-bit 2nd order sigma-delta ADCs
•
Two programmable gain chopper stabilized low-noise and low-offset amplifiers
•
Bandwidth 3.6 kHz at -3 dB
•
Vcc supply range 3.3 V ± 10%
•
Supply current Icc 4.3 mA (STPM32)
•
Input clock frequency 16 MHz, Xtal or external source
•
Twin precision voltage reference: 1.18 V with independent programmable TC,
30 ppm/°C typ.
•
Internal low drop regulator at 3 V (typ.)
•
QFN packages
•
Operating temperature from -40 °C to +105 °C
Description
The STPM3x is an ASSP family designed for high accuracy measurement of power
and energies in power line systems using the Rogowski coil, current transformer or
shunt current sensors. The STPM3x provides instantaneous voltage and current
waveforms and calculates RMS values of voltage and currents, active, reactive and
apparent power and energies. The STPM3x is a mixed signal IC family consisting of
an analog and a digital section. The analog section consists of up to two
programmable gain low-noise low-offset amplifiers and up to four 2nd order 24-bit
sigma-delta ADCs, two bandgap voltage references with independent temperature
compensation, a low drop voltage regulator and DC buffers. The digital section
consists of digital filtering stage, a hardwired DSP, DFE to the input and a serial
communication interface (UART or SPI). The STPM3x is fully configurable and allows
a fast digital system calibration in a single point over the entire current dynamic
range.
Product status link
STPM32
STPM33
STPM34
Product label
ASSP for metering applications with up to four independent 24-bit 2nd order
sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
STPM32, STPM33, STPM34
Datasheet
DS10272 - Rev 13 - September 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPM34TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPM34TR STMICROELECTRONICS-STPM34TR Datasheet
3Mb / 121P
ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
14-Dec-2018
More results

Similar Description - STPM34TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1204 TI-ADS1204 Datasheet
308Kb / 21P
FOUR 1-BIT, 10MHZ, 2ND-ORDER, DELTA-SIGMA MODULATORS
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
logo
STMicroelectronics
STPMS2H-PUR STMICROELECTRONICS-STPMS2H-PUR Datasheet
2Mb / 33P
Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
11-Oct-2011
STPMS2L-PUR STMICROELECTRONICS-STPMS2L-PUR Datasheet
2Mb / 33P
Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
11-Oct-2011
logo
Texas Instruments
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1208 TI1-ADS1208_14 Datasheet
426Kb / 25P
2nd-Order Delta-Sigma Modulator with Excitation for Hall Elements
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
logo
STMicroelectronics
STPM32 STMICROELECTRONICS-STPM32_V01 Datasheet
3Mb / 121P
ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
14-Dec-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com