Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8L02D-Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH8L02D-Y
Description  Automotive ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8L02D-Y Datasheet(HTML) 5 Page - STMicroelectronics

  STTH8L02D-Y Datasheet HTML 1Page - STMicroelectronics STTH8L02D-Y Datasheet HTML 2Page - STMicroelectronics STTH8L02D-Y Datasheet HTML 3Page - STMicroelectronics STTH8L02D-Y Datasheet HTML 4Page - STMicroelectronics STTH8L02D-Y Datasheet HTML 5Page - STMicroelectronics STTH8L02D-Y Datasheet HTML 6Page - STMicroelectronics STTH8L02D-Y Datasheet HTML 7Page - STMicroelectronics STTH8L02D-Y Datasheet HTML 8Page - STMicroelectronics STTH8L02D-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STTH8L02D-Y
Characteristics
DocID030708 Rev 1
5/10
Figure 7: Peak reverse recovery current versus
dIF / dt (typical values, per diode)
Figure 8: Dynamic parameters versus junction
temperature (per diode)
Figure 9: Relative variation of thermal impedance
junction to case total versus pulse duration
Figure 10: Thermal resistance junction to ambient
total versus copper surface under each tab
(typical values)
0
4
8
12
16
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
IF = 4 A
VR = 160 V
Tj = 125 °C
Tj = 25 °C
IRM(A)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
Tj(°C)
IRM
QRR
QRR; IRM[Tj] / QRR; IRM[Tj = 125 °C]
I
F =4A
V
R =160V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Z th(j-c) / Rth(j-c)
Single pulse
tp(s)
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
9
10
Rth(j-a) (°C/W)
PowerFLAT 5x6 Dual Island
printed circuit board FR4, copper thickness: 35 µm
SCu(cm²)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com