Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8L02D-Y Datasheet(PDF) 9 Page - STMicroelectronics

Part # STTH8L02D-Y
Description  Automotive ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8L02D-Y Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STTH8L02D-Y Datasheet HTML 2Page - STMicroelectronics STTH8L02D-Y Datasheet HTML 3Page - STMicroelectronics STTH8L02D-Y Datasheet HTML 4Page - STMicroelectronics STTH8L02D-Y Datasheet HTML 5Page - STMicroelectronics STTH8L02D-Y Datasheet HTML 6Page - STMicroelectronics STTH8L02D-Y Datasheet HTML 7Page - STMicroelectronics STTH8L02D-Y Datasheet HTML 8Page - STMicroelectronics STTH8L02D-Y Datasheet HTML 9Page - STMicroelectronics STTH8L02D-Y Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STTH8L02D-Y
Ordering information
DocID030708 Rev 1
9/10
3
Ordering information
Table 7: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery
mode
STTH8L02DDJFY-TR
TH8L 02DY
PowerFLAT™ 5x6 dual
Island
0.095 g
3000
Tape and
reel
4
Revision history
Table 8: Document revision history
Date
Revision
Changes
09-Jun-2017
1
First issue



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com