Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3.5-R5 Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # 3.5-R5
Description  RING TONGUE (R type) Non-insulated
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

3.5-R5 Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  3.5-R5 Datasheet HTML 1Page - JST Mfg. Co., Ltd. 3.5-R5 Datasheet HTML 2Page - JST Mfg. Co., Ltd. 3.5-R5 Datasheet HTML 3Page - JST Mfg. Co., Ltd. 3.5-R5 Datasheet HTML 4Page - JST Mfg. Co., Ltd. 3.5-R5 Datasheet HTML 5Page - JST Mfg. Co., Ltd. 3.5-R5 Datasheet HTML 6Page - JST Mfg. Co., Ltd. 3.5-R5 Datasheet HTML 7Page - JST Mfg. Co., Ltd. 3.5-R5 Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3
4.8
(.189)
4.1
(.161)
2.3
(.091)
YHT-2210
YA-1
YA-2
YA-4
BCT-0514L
0.8
(.031)
Note :1) Products with the JIS mark
conform to JIS C2805.
2) The part numbers indicated in the above table are for products with a brazed seam.
When ordering products with a nominal size of 0.5 to 5.5 with a butted seam, add the prefix "WS" to the part number (ex.5.5-4 —>WS5.5-4).
3) Delivery lead times may vary depending on the product. Contact JST for details.
øD
BL
F
E
T
ød2
ød1
American
3/8
3/8
1/2
1/2
5/8
3/4
3-4
8
8
10
10
1/4
3-4
3-4
5-6
5-6
8
8
8
10
10
10
1/4
1/4
1/4
1/4
5/16
5/16
3/8
3/8
1/2
1/2
5/8
11/16
3/4
Stud size
Part No.
Standard
Tool No.
Qty/box
Dimensions mm (in.)
Metric
JST
JIS
Applicable Wire
AWG#(mm2)
12 to10
(2.63 to
6.64)
14 to 12
(3.5)
16 to 14
(1.04 to
2.63)
9
10
12
14
16
20
3
4
4
5
5
6
3
3
3.5
3.5
4
4
4
5
5
5
6
6
6
6
8
8
9
10
12
14
16
18
20
2-9
2-10
2-12
2-14
2-16
2-20
3.5-R3
3.5-R4
3.5-4
3.5-R5
3.5-5
3.5-6
5.5-S3.3
5.5-3
5.5-S3
5.5-3.7
5.5-S4
5.5-4NS
5.5-4
5.5-5NS
5.5-5
5.5-S5
5.5-6NS
5.5-6
5.5-S6
5.5-L6
5.5-S8
5.5-8
5.5-9
5.5-10
5.5-12
5.5-14
5.5-16
5.5-18
5.5-20
R5.5-4
R5.5-5
R5.5-6
R5.5-8
R5.5-10
9.8 (.386)
10.5 (.413)
13.0 (.512)
15.0 (.591)
17.0 (.669)
21.0 (.827)
3.2 (.126)
4.3 (.169)
4.3 (.169)
5.3 (.209)
5.3 (.209)
6.4 (.252)
3.2 (.126)
3.2 (.126)
3.7 (.146)
3.7 (.146)
4.3 (.169)
4.3 (.169)
4.3 (.169)
5.3 (.209)
5.3 (.209)
5.3 (.209)
6.4 (.252)
6.4 (.252)
6.4 (.252)
6.4 (.252)
8.4 (.331)
8.4 (.331)
9.8 (.386)
10.5 (.413)
13.0 (.512)
15.0 (.591)
17.0 (.669)
19.0 (.748)
21.0 (.827)
13.6 (.535)
13.6 (.535)
19.0 (.748)
27.0(1.063)
27.0(1.063)
27.0(1.063)
8.0 (.315)
8.0 (.315)
10.3 (.406)
8.0 (.315)
10.3 (.406)
10.3 (.406)
7.2 (.283)
9.5 (.374)
7.2 (.283)
9.5 (.374)
7.2 (.283)
8.0 (.315)
9.5 (.374)
8.0 (.315)
9.5 (.374)
13.2 (.520)
9.0 (.354)
12.0 (.472)
13.2 (.520)
15.0 (.591)
13.2 (.520)
15.0 (.591)
15.0 (.591)
15.0 (.591)
19.2 (.756)
32.0(1.260)
32.0(1.260)
32.0(1.260)
32.0(1.260)
25.5(1.004)
25.5(1.004)
31.0(1.220)
39.5(1.555)
39.5(1.555)
39.5(1.555)
17.8 (.707)
17.8 (.707)
18.6 (.732)
17.8 (.707)
18.6 (.732)
18.6 (.732)
15.7 (.618)
19.8 (.780)
15.7 (.618)
19.8 (.780)
15.7 (.618)
19.1 (.752)
19.8 (.780)
19.1 (.752)
19.8 (.780)
22.4 (.882)
24.3 (.957)
25.8(1.016)
22.4 (.882)
28.0(1.102)
22.4 (.882)
28.0(1.102)
28.0(1.102)
28.0(1.102)
32.4(1.276)
48.1(1.894)
48.1(1.894)
48.1(1.894)
48.1(1.894)
13.9 (.547)
13.9 (.547)
16.7 (.675)
21.2 (.835)
21.2 (.835)
21.2 (.835)
9.0 (.354)
9.0 (.354)
8.6 (.339)
9.0 (.354)
8.6 (.339)
8.6 (.339)
5.9 (.232)
8.3 (.327)
5.9 (.232)
8.3 (.327)
5.9 (.232)
8.3 (.327)
8.3 (.327)
8.3 (.327)
8.3 (.327)
9.0 (.354)
13.0 (.512)
13.0 (.512)
9.0 (.354)
13.7 (.539)
9.0 (.354)
13.7 (.539)
13.7 (.539)
13.7 (.539)
16.0 (.630)
25.3 (.996)
25.3 (.996)
25.3 (.996)
25.3 (.996)
6.8
(.268)
6.2 (.244)
6.8 (.268)
6.2 (.244)
6.8 (.268)
6.2 (.244)
5.6
(.220)
3.4
(.134)
YHT-2210
YA-1
YA-2
YA-4
BCT-0514L
1.0
(.039)
500
1,000
500
500
500
200
Brazed seam
F
E
L
¿d2
1,000
1,000
YHT-2210
(Dies mark. 5)
BCT-0514L
1,000
500
1,000
4.8
(.189)
4.8
(.189)
2.7
(.106)
1.0
(.039)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com