Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3.5-R5 Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # 3.5-R5
Description  RING TONGUE (R type) Non-insulated
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

3.5-R5 Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  3.5-R5 Datasheet HTML 1Page - JST Mfg. Co., Ltd. 3.5-R5 Datasheet HTML 2Page - JST Mfg. Co., Ltd. 3.5-R5 Datasheet HTML 3Page - JST Mfg. Co., Ltd. 3.5-R5 Datasheet HTML 4Page - JST Mfg. Co., Ltd. 3.5-R5 Datasheet HTML 5Page - JST Mfg. Co., Ltd. 3.5-R5 Datasheet HTML 6Page - JST Mfg. Co., Ltd. 3.5-R5 Datasheet HTML 7Page - JST Mfg. Co., Ltd. 3.5-R5 Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5
Note :1) Products with the JIS mark
conform to JIS C2805.
2) Delivery lead times may vary depending on the product. Contact JST for details.
ød2
FE
L
Brazed seam
øD
BL
F
E
T
ød2
ød1
American
8
8
10
10
10
1/4
1/4
1/4
5/16
5/16
5/16
3/8
3/8
3/8
7/16
1/2
1/2
5/8
11/16
3/4
10
10
10
1/4
1/4
5/16
5/16
3/8
3/8
3/8
7/16
1/2
1/2
5/8
11/16
3/4
Stud size
Part No.
Standard
Tool No.
Qty/box
Dimensions mm (in.)
Metric
JST
JIS
Applicable Wire
AWG#(mm2)
4
4
5
5
5
6
6
6
8
8
8
9
10
10
11
12
14
16
18
20
5
5
5
6
6
8
8
9
10
10
11
12
14
16
18
20
14-4
14-NK4
14-5NS
14-NK5
14-6NS
14-6
14-L6
14-8NS
14-S8
14-8
14-9
14-10
14-L10
14-11
14-12
14-14
14-16
14-18
14-20
22-5NS
22-S5
22-5
22-S6
22-6
22-S8
22-8
22-9
22-S10
22-10
22-11
22-12
22-16
22-18
22-20
R14-5
R14-6
R14-8
R14-10
R14-12
R14-14
R22-6
R22-8
R22-10
R22-12
R22-14
4.3 (.169)
4.3 (.169)
5.3 (.209)
5.3 (.209)
5.3 (.209)
6.4 (.252)
6.4 (.252)
6.4 (.252)
8.4 (.331)
8.4 (.331)
8.4 (.331)
9.8 (.386)
10.5 (.413)
10.5 (.413)
11.5 (.453)
13.0 (.512)
15.0 (.591)
17.0 (.669)
19.0 (.748)
21.0 (.827)
5.3 (.209)
5.3 (.209)
5.3 (.209)
6.4 (.252)
6.4 (.252)
8.4 (.331)
8.4 (.331)
9.8 (.386)
10.5 (.413)
10.5 (.413)
11.5 (.453)
13.0 (.512)
15.0 (.591)
17.0 (.669)
19.0 (.748)
21.0 (.827)
12.0 (.472)
12.2 (.480)
9.0 (.354)
12.0 (.472)
12.2 (.480)
9.6 (.378)
12.0 (.472)
16.0 (.630)
11.5 (.453)
12.0 (.472)
16.0 (.630)
16.0 (.630)
16.0 (.630)
22.0 (.866)
22.0 (.866)
22.0 (.866)
30.0(1.181)
31.6(1.244)
31.6(1.244)
31.6(1.244)
9.5 (.374)
12.0 (.472)
16.5 (.650)
12.0 (.472)
16.5 (.650)
12.0 (.427)
16.5 (.650)
17.5 (.689)
16.5 (.650)
17.5 (.689)
22.0 (.866)
22.0 (.866)
30.0(1.181)
30.0(1.181)
30.0(1.181)
30.0(1.181)
29.8(1.173)
23.0 (.906)
28.3(1.114)
29.8(1.173)
23.0 (.906)
28.6(1.126)
29.8(1.173)
32.8(1.291)
30.8(1.213)
31.0(1.220)
32.8(1.291)
32.8(1.291)
32.8(1.291)
41.0(1.614)
41.0(1.614)
41.0(1.614)
49.0(1.929)
51.5(2.028)
51.5(2.028)
51.5(2.028)
28.7(1.130)
30.0(1.181)
33.7(1.327)
30.0(1.181)
33.7(1.327)
30.0(1.181)
33.7(1.327)
36.7(1.445)
33.7(1.327)
36.7(1.445)
42.5(1.673)
42.5(1.673)
51.5(2.038)
51.5(2.028)
51.5(2.028)
51.5(2.028)
13.3 (.524)
7.7 (.303)
13.3 (.524)
13.3 (.524)
7.7 (.303)
13.3 (.524)
13.3 (.524)
14.5 (.571)
14.5 (.571)
14.5 (.571)
14.5 (.571)
14.5 (.571)
14.5 (.571)
19.5 (.739)
19.5 (.739)
19.5 (.739)
23.5 (.925)
25.2 (.992)
25.2 (.992)
25.2 (.992)
12.0 (.472)
12.0 (.472)
13.5 (.531)
12.0 (.472)
13.5 (.531)
12.0 (.472)
13.5 (.531)
16.0 (.630)
13.5 (.531)
16.0 (.630)
19.5 (.768)
19.5 (.768)
24.5 (.965)
24.5 (.965)
24.5 (.965)
24.5 (.965)
6
(10.52 to
16.78)
4
(16.78 to
26.66)
12.0
(.472)
11.5
(.453)
7.7
(.303)
1.8
(.071)
YA-5
YPT-60N
YPT-150-1
BCT-860L
BCT-8150
YF-1 YET-60-1
E-4 YET-150-1
EP-1 YET-60-1
100
10.5 (.413)
9.2 (.362)
9.2 (.362)
10.5 (.413)
10.5
(.413)
9.0
(.354)
5.8
(.228)
1.5
(.059)
YA-4
YA-5
YPT-60N
YPT-150-1
BCT-0514L
BCT-860L
BCT-8150
YF-1 YET-60-1
E-4 YET-150-1
EP-1 YET-60-1
200
200
200
100
100
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com