Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP411 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP411
Description  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP411 Datasheet HTML 17Page - Texas Instruments TMP411 Datasheet HTML 18Page - Texas Instruments TMP411 Datasheet HTML 19Page - Texas Instruments TMP411 Datasheet HTML 20Page - Texas Instruments TMP411 Datasheet HTML 21Page - Texas Instruments TMP411 Datasheet HTML 22Page - Texas Instruments TMP411 Datasheet HTML 23Page - Texas Instruments TMP411 Datasheet HTML 24Page - Texas Instruments TMP411 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
Temperature data resulting from conversions within the default measurement range are represented in binary
form, as listed in the standard binary column of Table 7-1. Note that any temperature below 0°C results in a data
value of zero (00h). Likewise, temperatures above 127°C results in a value of 127 (7Fh). The device can be
set to measure over an extended temperature range by changing bit 2 of the Configuration Register from low
to high. The change in measurement range and data format from standard binary to extended binary occurs at
the next temperature conversion. For data captured in the extended temperature range configuration, an offset
of 64 (40h) is added to the standard binary value, as listed in the extended binary column in Table 7-1. This
configuration allows measurement of temperatures below 0°C. Having binary values in the range of –64°C to
191°C is possible, but most temperature-sensing diodes measure in the range of –55°C to 150°C. The TMP411/
TMP411D device is rated only for ambient local temperatures ranging from –40°C to 125°C. Parameters in the
Absolute Maximum Ratings table must be observed.
Table 7-1. Temperature Data Format (Local and Remote Temperature High Bytes)
TEMP (°C)
LOCAL AND REMOTE TEMPERATURE REGISTER HIGH BYTE VALUE (1°C RESOLUTION)
STANDARD BINARY
EXTENDED BINARY
BINARY
HEX
BINARY
HEX
–64
0000 0000
00
0000 0000
00
–50
0000 0000
00
0000 1110
0E
–25
0000 0000
00
0010 0111
27
0
0000 0000
00
0100 0000
40
1
0000 0001
01
0100 0001
41
5
0000 0101
05
0100 0101
45
10
0000 1010
0A
0100 1010
4A
25
0001 1001
19
0101 1001
59
50
0011 0010
32
0111 0010
72
75
0100 1011
4B
1000 1011
8B
100
0110 0100
64
1010 0100
A4
125
0111 1101
7D
1011 1101
BD
127
0111 1101
7F
1011 1111
BF
150
0111 1111
7F
1101 0110
D6
175
0111 1111
7F
1110 1111
EF
191
0111 1111
7F
1111 1111
FF
TMP411/TMP411D temperature sensor does not utilize 2's complement format to read in temperature values.
For this reason, the decode does not cast them into a signed type. The way that TMP411/TMP411D device
expresses a negative temperature is by enabling a RANGE bit which adds 64°C to the result. When RANGE is
enabled, the decode must subtract 64, causing a raw value of 0 to become -64°C output.
Table 7-2. 12-Bit Q4 Parameters
PARAMETER
VALUE
Bits
12
Q
4
Resolution
0.0625
Range (+)
127.9375
Range (–)
0
First Byte Integer C
Yes
25˚C
0x1900
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com