Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP411 Datasheet(PDF) 40 Page - Texas Instruments

Part # TMP411
Description  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMP411 Datasheet HTML 36Page - Texas Instruments TMP411 Datasheet HTML 37Page - Texas Instruments TMP411 Datasheet HTML 38Page - Texas Instruments TMP411 Datasheet HTML 39Page - Texas Instruments TMP411 Datasheet HTML 40Page - Texas Instruments TMP411 Datasheet HTML 41Page - Texas Instruments TMP411 Datasheet HTML 42Page - Texas Instruments TMP411 Datasheet HTML 43Page - Texas Instruments TMP411 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMP411/TMP411D only requires a transistor connected between the D+ and D– pins for remote
temperature measurement. Tie the D+ pin to D- if the remote channel is not used and only the local temperature
is measured. The SDA, ALERT and THERM pins (and SCL, if driven by an open-drain output) require pullup
resistors as part of the communication bus. TI recommends using a 0.1µF power-supply decoupling capacitor
for local bypassing. Figure 9-1 illustrates the typical configurations for the TMP411/TMP411D. For V+ ≥ 2.7V as
shown in Figure 9-1, TMP411/TMP411D digital pins (4, 6, 7 and 8) can be connected to a separate I2C pullup
and supply voltage due to fixed logic input voltages. However, for V+ < 2.7V as shown in Figure 9-2, TMP411D
digital pins (SCL, SDA) must be connected to an equal I2C pullup and supply voltage due to ratiometric logic
input voltages (30%/70% of V+ pin).
TMP411
TMP411D
D+
D–
SCL
SDA
GND
V+
Processor or ASIC
SMBus
Controller
1
2
3
4
5
8
7
6
2.7V to 5.5V
2.7V to 5.5V
Fixed
V
IH/VIL
Built-In Thermal
Transistor, Diode
Overtemperature
Shutdown
THERM
THERM2
ALERT /
Figure 9-1. TMP411/TMP411D Simplified Block Diagram (Separate I2C Pullup and Supply Voltage
Application while V+ ≥ 2.7V)
TMP411D
D+
D–
SCL
SDA
GND
V+
Processor or ASIC
SMBus
Controller
1
2
3
4
5
8
7
6
Built-In Thermal
Transistor, Diode
Overtemperature
Shutdown
THERM
THERM2
ALERT /
1.62V to 2.7V
V
IH/VIL: 0.7/0.3 V+
Figure 9-2. TMP411D Simplified Block Diagram (Equal I2C Pullup and Supply Voltage Application while
V+ < 2.7V)
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com