Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP411 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP411
Description  TMP411-Q1 ±1°C and TMP411D-Q1 ±0.8°C Remote and Local Temperature Sensors with N-Factor and Series Resistance Correction
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP411 Datasheet HTML 17Page - Texas Instruments TMP411 Datasheet HTML 18Page - Texas Instruments TMP411 Datasheet HTML 19Page - Texas Instruments TMP411 Datasheet HTML 20Page - Texas Instruments TMP411 Datasheet HTML 21Page - Texas Instruments TMP411 Datasheet HTML 22Page - Texas Instruments TMP411 Datasheet HTML 23Page - Texas Instruments TMP411 Datasheet HTML 24Page - Texas Instruments TMP411 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
offset of 64 (40h) is added to the standard binary value, as listed in the extended binary column of Table 7-1.
This configuration allows measurement of temperatures below 0°C. Note that binary values corresponding to
temperatures as low as –64°C, and as high as 191°C are possible; however, most temperature-sensing diodes
only measure within the range of –55°C to 150°C. Additionally, the TMP411-Q1 and TMP411D-Q1 devices are
rated only for ambient local temperatures ranging from –40°C to 125°C. Parameters in the Absolute Maximum
Ratings table must be observed.
Table 7-1. Temperature Data Format (Local and Remote Temperature High Bytes)
TEMP (°C)
LOCAL/REMOTE TEMPERATURE REGISTER HIGH BYTE VALUE (1°C RESOLUTION)
STANDARD BINARY
EXTENDED BINARY
BINARY
HEX
BINARY
HEX
−64
0000 0000
00
0000 0000
00
−50
0000 0000
00
0000 1110
0E
−25
0000 0000
00
0010 0111
27
0
0000 0000
00
0100 0000
40
1
0000 0001
01
0100 0001
41
5
0000 0101
05
0100 0101
45
10
0000 1010
0A
0100 1010
4A
25
0001 1001
19
0101 1001
59
50
0011 0010
32
0111 0010
72
75
0100 1011
4B
1000 1011
8B
100
0110 0100
64
1010 0100
A4
125
0111 1101
7D
1011 1101
BD
127
0111 1111
7F
1011 1111
BF
150
0111 1111
7F
1101 0110
D6
175
0111 1111
7F
1110 1111
EF
191
0111 1111
7F
1111 1111
FF
The TMP411-Q1 and TMP411D-Q1 devices' temperature sensor does not utilize 2's complement format to
read in temperature values. For this reason, the decode does not cast them into a signed type. The way the
TMP411-Q1 and TMP411D-Q1 devices express a negative temperature is by enabling a RANGE bit, which adds
64°C to the result. When RANGE is enabled, the decode must subtract 64, causing a raw value of 0 to become
–64°C output.
Table 7-2. 12-Bit Q4 Parameters
PARAMETER
VALUE
Bits
12
Q
4
Resolution
0.0625
Range (+)
127.9375
Range (–)
0
First Byte Integer C
Yes
25˚C
0x1900
Table 7-3. 12-Bit Q4 Bit Values in °C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
—
64
32
16
8
4
2
1
0.5
0.25
0.125 0.0625
—
—
—
—
—
64
32
16
8
4
2
1
1/2
1/4
1/8
1/16
—
—
—
—
—
26
25
24
23
22
21
20
2-1
2-2
2-3
2–4
—
—
—
—
www.ti.com
TMP411-Q1, TMP411D-Q1
SBOS527G – DECEMBER 2010 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP411-Q1 TMP411D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com