Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP468 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP468
Description  TMP468 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP468 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP468 Datasheet HTML 17Page - Texas Instruments TMP468 Datasheet HTML 18Page - Texas Instruments TMP468 Datasheet HTML 19Page - Texas Instruments TMP468 Datasheet HTML 20Page - Texas Instruments TMP468 Datasheet HTML 21Page - Texas Instruments TMP468 Datasheet HTML 22Page - Texas Instruments TMP468 Datasheet HTML 23Page - Texas Instruments TMP468 Datasheet HTML 24Page - Texas Instruments TMP468 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
TMP468
www.ti.com
SBOS762B – NOVEMBER 2016 – REVISED JUNE 2017
21
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Register Maps (continued)
Table 3. TMP468 Register Map (continued)
PTR
POR
LOCK
TMP468 FUNCTIONAL REGISTER - BIT DESCRIPTION
REGISTER DESCRIPTION
(HEX)
(HEX)
(Y/N)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
87
0000
N/A
RT12
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
RT3
RT2
RT1
RT0
0
0
0
Remote Temperature 7 (Block Read
Range - Auto Increment Pointer
Register)
88
0000
N/A
RT12
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
RT3
RT2
RT1
RT0
0
0
0
Remote Temperature 8 (Block Read
Range - Auto Increment Pointer
Register)
C4
8000
N/A
Write 0x5CA6 to lock registers and 0xEB19 to unlock registers
Lock Register. This locks the registers
after initialization.
Read back: locked 0x8000; unlocked 0x0000
FE
5449
N/A
0
1
0
1
0
1
0
0
0
1
0
0
1
0
0
1
Manufacturers Identification Register
FF
0468
N/A
0
0
0
0
0
1
0
0
0
1
1
0
1
0
0
0
Device Identification/Revision Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com