Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP468 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP468
Description  TMP468 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP468 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP468 Datasheet HTML 9Page - Texas Instruments TMP468 Datasheet HTML 10Page - Texas Instruments TMP468 Datasheet HTML 11Page - Texas Instruments TMP468 Datasheet HTML 12Page - Texas Instruments TMP468 Datasheet HTML 13Page - Texas Instruments TMP468 Datasheet HTML 14Page - Texas Instruments TMP468 Datasheet HTML 15Page - Texas Instruments TMP468 Datasheet HTML 16Page - Texas Instruments TMP468 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
13
TMP468
www.ti.com
SBOS762B – NOVEMBER 2016 – REVISED JUNE 2017
Product Folder Links: TMP468
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Shutdown Mode (SD)
The TMP468 shutdown mode enables the user to save maximum power by shutting down all device circuitry
other than the serial interface, and reducing current consumption to typically less than 0.3 μA; see Figure 13.
Shutdown mode is enabled when the shutdown bit (SD, bit 5) of the Configuration Register is HIGH; the device
shuts down immediately once the current conversion is complete. When the SD bit is LOW, the device maintains
a continuous-conversion state.
7.5 Programming
7.5.1 Serial Interface
The TMP468 device operates only as a slave device on the two-wire bus (I2C or SMBus). Connections to either
bus are made using the open-drain I/O lines, SDA, and SCL. The SDA and SCL pins feature integrated spike
suppression filters and Schmitt triggers to minimize the effects of input spikes and bus noise. The TMP468
device supports the transmission protocol for fast (1 kHz to 400 kHz) and high-speed (1 kHz to 2.56 MHz)
modes. All data bytes are transmitted MSB first.
While the TMP468 device is unpowered bus traffic on SDA and SCL may continue without any adverse effects to
the communication or to the TMP468 device itself. As the TMP468 device is powering up, the device does not
load the bus, and as a result the bus traffic may continue undisturbed.
7.5.1.1 Bus Overview
The TMP468 device is compatible with the I2C or SMBus interface. In I2C or SMBus protocol, the device that
initiates the transfer is called a master, and the devices controlled by the master are slaves. The bus must be
controlled by a master device that generates the serial clock (SCL), controls the bus access, and generates the
start and stop conditions.
To address a specific device, a start condition is initiated. A start condition is indicated by pulling the data line
(SDA) from a high-to-low logic level when SCL is high. All slaves on the bus shift in the slave address byte, with
the last bit indicating whether a read or write operation is intended. During the ninth clock pulse, the addressed
slave responds to the master by generating an acknowledge (ACK) bit and pulling SDA low.
Data transfer is then initiated and sent over eight clock pulses followed by an acknowledge bit (ACK). During
data transfer, SDA must remain stable when SCL is high. A change in SDA when SCL is high is interpreted as a
control signal. The TMP468 device has a word register structure (16-bit wide), with data writes always requiring
two bytes. Data transfer occurs during the ACK at the end of the second byte.
After all data are transferred, the master generates a stop condition. A stop condition is indicated by pulling SDA
from low to high when SCL is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com