Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1111 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX1111
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1111 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX1111 Datasheet HTML 1Page - Texas Instruments TMUX1111 Datasheet HTML 2Page - Texas Instruments TMUX1111 Datasheet HTML 3Page - Texas Instruments TMUX1111 Datasheet HTML 4Page - Texas Instruments TMUX1111 Datasheet HTML 5Page - Texas Instruments TMUX1111 Datasheet HTML 6Page - Texas Instruments TMUX1111 Datasheet HTML 7Page - Texas Instruments TMUX1111 Datasheet HTML 8Page - Texas Instruments TMUX1111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics (VDD = 5V ±10 %)............... 6
6.6 Electrical Characteristics (VDD = 3.3V ±10 %)............ 8
6.7 Electrical Characteristics (VDD = 1.8V ±10 %).......... 10
6.8 Electrical Characteristics (VDD = 1.2V ±10 %).......... 12
6.9 Typical Characteristics.............................................. 14
7 Parameter Measurement Information.......................... 17
7.1 On-resistance............................................................17
7.2 Off-leakage current................................................... 17
7.3 On-leakage current................................................... 18
7.4 Transition time...........................................................18
7.5 Break-before-make................................................... 19
7.6 Charge injection........................................................ 19
7.7 Off isolation............................................................... 20
7.8 Channel-to-Channel Crosstalk..................................20
7.9 Bandwidth................................................................. 21
8 Detailed Description......................................................22
8.1 Overview................................................................... 22
8.2 Functional Block Diagram......................................... 22
8.3 Feature Description...................................................22
8.4 Device Functional Modes..........................................24
8.5 Truth Tables.............................................................. 24
9 Application and Implementation.................................. 25
9.1 Application Information............................................. 25
9.2 Typical Application - Sample-and-Hold Circuit..........25
9.3 Typical Application - Switched Gain Amplifier...........27
9.4 Power Supply Recommendations.............................29
9.5 Layout....................................................................... 29
10 Device and Documentation Support..........................31
10.1 Documentation Support.......................................... 31
10.2 Receiving Notification of Documentation Updates..31
10.3 Support Resources................................................. 31
10.4 Trademarks.............................................................31
10.5 Electrostatic Discharge Caution..............................31
10.6 Glossary..................................................................31
11 Revision History.......................................................... 31
12 Mechanical, Packaging, and Orderable
Information.................................................................... 32
4 Device Comparison Table
PRODUCT
DESCRIPTION
TMUX1111
Low-Leakage-Current, Precision, 4-Channel, 1:1 (SPST) Switches (Normally Closed)
TMUX1112
Low-Leakage-Current, Precision, 4-Channel, 1:1 (SPST) Switches (Normally Open)
TMUX1113
Low-Leakage-Current, Precision, 4-Channel, 1:1 (SPST) Switches (Dual Open + Dual Closed)
TMUX1111, TMUX1112, TMUX1113
SCDS408C – FEBRUARY 2019 – REVISED DECEMBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX1111 TMUX1112 TMUX1113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com