Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1111 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMUX1111
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1111 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX1111 Datasheet HTML 22Page - Texas Instruments TMUX1111 Datasheet HTML 23Page - Texas Instruments TMUX1111 Datasheet HTML 24Page - Texas Instruments TMUX1111 Datasheet HTML 25Page - Texas Instruments TMUX1111 Datasheet HTML 26Page - Texas Instruments TMUX1111 Datasheet HTML 27Page - Texas Instruments TMUX1111 Datasheet HTML 28Page - Texas Instruments TMUX1111 Datasheet HTML 29Page - Texas Instruments TMUX1111 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
+
±
+
±
+
±
±
OPA2192
OPA2192
OPA2192
OPA2192
TMUX111x
5V
5V
5V
0V
0V
5V
0V
5V
0V
V
DD
V
OUT1
SEL3/
SEL4
V
IN1
V
IN2
SEL1/
SEL2
C
H
C
C
R
C
C
H
C
H
C
C
R
C
C
H
+
DAC9881
DAC9881
C
L
R
L
V
OUT2
C
L
R
L
5V
5V
SW1
SW2
SW3
SW4
Figure 9-2. 2-Channel Sample-and-Hold Circuit with Pedestal Error Compensation
9.2.1 Design Requirements
The purpose of this precision design is to implement an optimized 2-output sample-and-hold circuit using a
4-channel SPST switch. The sample and hold circuit needs to be capable of supporting high accuracy with
minimized pedestal error and fast settling time..
9.2.2 Detailed Design Procedure
9.2.2.1 Detailed Design Procedure
The TMUX1111, TMUX1112, or TMUX1113 switch is used in conjunction with the voltage holding capacitors (CH)
to implement the sample-and-hold circuit. The basic operation is:
1. When the switch (SW2 or SW3) is closed, it samples the input voltage and charges the holding capacitors
(CH) to the input voltages values.
2. When the switch (SW2 or SW3) is open, the holding capacitors (CH) holds its previous value, maintaining
stable voltage at the amplifier output (VOUT).
Due to switch and capacitor leakage current, as well as amplifier bias current, the voltage on the hold capacitors
droops with time. The TMUX1111, TMUX1112, or TMUX1113 minimize the droops due to its ultra-low leakage
performance. At 25°C, the TMUX1111, TMUX1112, andTMUX1113 have extremely low leakage current at 3pA
typical.
A second switch SW1 (or SW4) is also included to operate in parallel with SW2 (or SW3) to reduce pedestal
error during switch toggling. Because both switches are driven at the same potential, they act as common-mode
signal to the op-amp, thereby minimizing the charge injection effects caused by the switch toggling action.
Compensation network consisting of RC and CC is also added to further reduce the pedestal error, whiling
reducing the hold-time glitch and improving the settling time of the circuit. Refer to Sample and Hold Glitch
Reduction for Precision Outputs Reference Design for more information on sample-and-hold circuits.
TMUX1111, TMUX1112, TMUX1113
SCDS408C – FEBRUARY 2019 – REVISED DECEMBER 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX1111 TMUX1112 TMUX1113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com