Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1102DBVR.A Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX1102DBVR.A
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1102DBVR.A Datasheet(HTML) 2 Page - Texas Instruments

  TMUX1102DBVR.A Datasheet HTML 1Page - Texas Instruments TMUX1102DBVR.A Datasheet HTML 2Page - Texas Instruments TMUX1102DBVR.A Datasheet HTML 3Page - Texas Instruments TMUX1102DBVR.A Datasheet HTML 4Page - Texas Instruments TMUX1102DBVR.A Datasheet HTML 5Page - Texas Instruments TMUX1102DBVR.A Datasheet HTML 6Page - Texas Instruments TMUX1102DBVR.A Datasheet HTML 7Page - Texas Instruments TMUX1102DBVR.A Datasheet HTML 8Page - Texas Instruments TMUX1102DBVR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics (VDD = 5V ±10 %)............... 5
6.6 Electrical Characteristics (VDD = 3.3V ±10 %)............ 6
6.7 Electrical Characteristics (VDD = 1.8V ±10 %)............ 7
6.8 Electrical Characteristics (VDD = 1.2V ±10 %)............ 8
6.9 Typical Characteristics.............................................. 10
7 Parameter Measurement Information.......................... 13
7.1 On-Resistance.......................................................... 13
7.2 Off-Leakage Current................................................. 13
7.3 On-Leakage Current................................................. 14
7.4 Transition Time......................................................... 14
7.5 Charge Injection........................................................15
7.6 Off Isolation...............................................................15
7.7 Bandwidth................................................................. 16
8 Detailed Description......................................................17
8.1 Overview................................................................... 17
8.2 Functional Block Diagram......................................... 17
8.3 Feature Description...................................................17
8.4 Device Functional Modes..........................................19
9 Application and Implementation.................................. 20
9.1 Application Information............................................. 20
9.2 Typical Application - Sample-and-Hold Circuit..........20
9.3 Typical Application - Switched Gain Amplifier...........22
9.4 Power Supply Recommendations.............................24
9.5 Layout....................................................................... 24
10 Device and Documentation Support..........................26
10.1 Documentation Support.......................................... 26
10.2 Receiving Notification of Documentation Updates..26
10.3 Support Resources................................................. 26
10.4 Trademarks.............................................................26
10.5 Electrostatic Discharge Caution..............................26
10.6 Glossary..................................................................26
11 Revision History.......................................................... 26
12 Mechanical, Packaging, and Orderable
Information.................................................................... 27
4 Device Comparison Table
PRODUCT
DESCRIPTION
TMUX1101
Low-Leakage-Current, 1:1 (SPST), Precision Switch (Logic High)
TMUX1102
Low-Leakage-Current, 1:1 (SPST), Precision Switch (Logic Low)
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX1101 TMUX1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com