Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1102DBVR.A Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX1102DBVR.A
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1102DBVR.A Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX1102DBVR.A Datasheet HTML 17Page - Texas Instruments TMUX1102DBVR.A Datasheet HTML 18Page - Texas Instruments TMUX1102DBVR.A Datasheet HTML 19Page - Texas Instruments TMUX1102DBVR.A Datasheet HTML 20Page - Texas Instruments TMUX1102DBVR.A Datasheet HTML 21Page - Texas Instruments TMUX1102DBVR.A Datasheet HTML 22Page - Texas Instruments TMUX1102DBVR.A Datasheet HTML 23Page - Texas Instruments TMUX1102DBVR.A Datasheet HTML 24Page - Texas Instruments TMUX1102DBVR.A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
9.2.1 Design Requirements
The purpose of this precision design is to implement an optimized single channel sample-and-hold circuit using
a precision 1:1 (SPST) CMOS switch. The sample-and-hold circuit needs to be capable of supporting high
accuracy with minimized pedestal error and fast settling time.
9.2.2 Detailed Design Procedure
The TMUX1101 or TMUX1102 switch is used in conjunction with the voltage holding capacitors (CH) to
implement the sample-and-hold circuit. The basic operation is:
1. When the switch is closed, it samples the input voltage and charges the holding capacitors (CH) to the input
voltage values.
2. When the switch is open, the holding capacitors (CH) holds its previous value, maintaining stable voltage at
the amplifier output (VOUT).
Due to switch and capacitor leakage current, as well as amplifier bias current, the voltage on the hold capacitors
droops with time. The TMUX1101 and TMUX1102 minimize the droops due to its ultra-low leakage performance.
At 25°C, the TMUX1101 and TMUX1102 have extremely low leakage current of 3pA typical.
Refer to Sample and Hold Glitch Reduction for Precision Outputs Reference Design for more information on
sample-and-hold circuits.
9.2.3 Application Curve
TMUX1101 and TMUX1102 have excellent charge injection performance and ultra-low leakage current, making
them excellent choices to minimize sampling error for the sample-and-hold application. The charge injection and
leakage performance are shown in Figure 9-2 and Figure 9-3 respectively.
VS - Source Voltage (V)
0
1
2
3
4
5
-20
-15
-10
-5
0
5
10
15
20
D011
VDD = 3.3 V
VDD = 5 V
TA = –40°C to +125°C
Figure 9-2. Charge Injection vs Source Voltage
VS or VD - Source or Drain Voltage (V)
0
1
2
3
4
5
-80
-60
-40
-20
0
20
40
60
80
D006
VDD = 5V
Figure 9-3. On-Leakage vs Source or Drain Voltage
www.ti.com
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX1101 TMUX1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com