Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCP8129 Datasheet(PDF) 3 Page - Shanghai Orient-Chip Technology Co.,LTD.

Part # OCP8129
Description  High Current and High Efficiency Backlight WLED Controller For Medium or Large LCD Panels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.

OCP8129 Datasheet(HTML) 3 Page - Shanghai Orient-Chip Technology Co.,LTD.

  OCP8129 Datasheet HTML 1Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8129 Datasheet HTML 2Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8129 Datasheet HTML 3Page - Shanghai Orient-Chip Technology Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page3 - 3
Ver 1.2 Feb .27, 2018
OCP8129
源于灿瑞 磁传天下
◼ Ordering Information
Part Number
Package Type
Package Qty
Temperature
Eco Plan
Lead
OCP8129SAD
SOP-8L
13-in reel 2500pcs/reel
-40~85℃
Green
Cu
注:想进一步了解产品咨询,请直接点击
申请样品。我们会第一时间联系您!谢谢!
OCP8129XXX
Package:
S:SOP-8L
Packing:
A:Tape&Reel
Temperature Grade:
D: -40°C~85°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com