Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCP8129 Datasheet(PDF) 1 Page - Shanghai Orient-Chip Technology Co.,LTD.

Part # OCP8129
Description  High Current and High Efficiency Backlight WLED Controller For Medium or Large LCD Panels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.

OCP8129 Datasheet(HTML) 1 Page - Shanghai Orient-Chip Technology Co.,LTD.

  OCP8129 Datasheet HTML 1Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8129 Datasheet HTML 2Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8129 Datasheet HTML 3Page - Shanghai Orient-Chip Technology Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page1 - 3
Ver 1.2 Feb .27, 2018
OCP8129
源于灿瑞 磁传天下
High Current and High Efficiency Backlight WLED Controller
For Medium or Large LCD Panels
◼ General Description
The OCP8129 is the LED driver controller IC which
loads the constant current driver of LED driver for use in
backlighting LCD display from 26
” to 56”+ and other
LED lighting applications. OCP8129 is a high current
and high efficiency backlight LED driver controller for
improved
backlight
reliability
and
efficiency.
The
operation
frequency
is
user-defined
with
spread
spectrum operation feature that minimizes system EMI
during operation.
The OCP8129 supports external PWM dimming,
providing the most flexible solution for LED display
applications.
The OCP8129 provides all protection: the MOSFET
over
current
protection
(OCP),
LED
short
circuit
protection (SCP), LED open circuit protection, inductance
short circuit protection, FB Over-voltage Protection Latch,
over load protection, under-voltage lock-out (UVLO),
GATE pin clamper and internal over temperature
protection, external synchronization function. The PWM
frequency can be synchronized to an external pulse
signal.
The OCP8129 is available in SOP-8L package, and
it is RoHS compliant and 100% lead Pb free. Operating
temperature range of the OCP8129 is from -40°C to
85°C.
◼ Features
⚫
Number of LEDs in series limited by external
MOSFETs rating
⚫
Spread Spectrum Feature on Operating
Frequency for EMI
⚫
Maximum Duty Cycle Limit
⚫
Support External EN PWM Dimming
⚫
Synchronized Operation with External Signal
⚫
External MOSFET Over Current Protection
⚫
LED Open Circuit Protection
⚫
LED Short Circuit Protection
⚫
LED +/- Short to GND Protection
⚫
FB Over Voltage Protection Latch
⚫
Inductance Short Circuit Protection
⚫
GATE pin Clamper
⚫
LED Fault Status Feedback
⚫
RSET Pin Short Circuit Protection
⚫
Under-voltage lock-out
⚫
Internal Over Temperature Protection
⚫
Linear Voltage Compensation
⚫
Power On Soft Start
⚫
Wide Supply Voltage Range: 10V ~ 30V
⚫
Low Standby current <2uA
⚫
TA= -40 ~ 85
℃
⚫
Available in SOP-8L Package
◼ Applications
⚫
LCD White or RGB Backlighting
⚫
LCD TVs
⚫
Automotive and Infotainment Displays
⚫
Battery Powered LED Lamps
⚫
Other DC/DC LED Drivers
⚫
General LED Lighting Applications
⚫
General Purpose Constant Current Source
⚫
Signage and Decorative LED Lighting


Similar Part No. - OCP8129

ManufacturerPart #DatasheetDescription
logo
Shanghai Orient-Chip Te...
OCP8121 ORIENT-CHIP-OCP8121 Datasheet
201Kb / 2P
One-Channel High Power LED Controller with DC-DC Converter for Large LCD Panes
Rev. 1.2 Feb .27, 2018
OCP8121SAD ORIENT-CHIP-OCP8121SAD Datasheet
201Kb / 2P
One-Channel High Power LED Controller with DC-DC Converter for Large LCD Panes
Rev. 1.2 Feb .27, 2018
OCP8122A ORIENT-CHIP-OCP8122A Datasheet
218Kb / 3P
Dual-Channel high Power LED Controller with DC-DC Converter For Large LCD or 3D Display Panels
Rev. 1.3 Feb .27, 2018
OCP8122ASAD ORIENT-CHIP-OCP8122ASAD Datasheet
218Kb / 3P
Dual-Channel high Power LED Controller with DC-DC Converter For Large LCD or 3D Display Panels
Rev. 1.3 Feb .27, 2018
OCP8122ASSAD ORIENT-CHIP-OCP8122ASSAD Datasheet
218Kb / 3P
Dual-Channel high Power LED Controller with DC-DC Converter For Large LCD or 3D Display Panels
Rev. 1.3 Feb .27, 2018
More results

Similar Description - OCP8129

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9202EFS ROHM-BD9202EFS Datasheet
520Kb / 20P
White backlight LED drivers for medium to large LCD panels (SWREG type)
BD6066GU ROHM-BD6066GU_11 Datasheet
389Kb / 16P
White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6592MUV ROHM-BD6592MUV_11 Datasheet
833Kb / 26P
White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_14 Datasheet
2Mb / 31P
White Backlight LED Driver For Medium to Large LCD Panels
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com