Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2AB.SA.DR Datasheet(PDF) 2 Page - IDEAL-TEK SA

Part # 2AB.SA.DR
Description  ESD Rubber Grip Tweezers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-TEK [IDEAL-TEK SA]
Direct Link  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA

2AB.SA.DR Datasheet(HTML) 2 Page - IDEAL-TEK SA

  2AB.SA.DR Datasheet HTML 1Page - IDEAL-TEK SA 2AB.SA.DR Datasheet HTML 2Page - IDEAL-TEK SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.ideal-tek.com
Switzerland
2
14A.C.DR
Tips: cutting, predominantly angled blades. OAL: 115mm
5C.SA.DR
Tips: curved, bent, ultra fine. OAL: 115mm
15A.C.DR
Tips: cutting, angled blades. OAL: 120mm
51S.SA.DR
Tips: bent, extra fine. OAL: 115mm
ESD Rubber GripTweezers
15AGW.C.DR
Tips: cutting, predominantly angled blades. OAL: 115mm
14AGW.C.DR
Tips: cutting, predominantly angled blades. OAL: 115mm
7.SA.DR
Tips: very fine, curved. OAL: 120mm
AA.SA.DR
Tips: sharp, fine. OAL: 130mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com