Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2AB.SA.DR Datasheet(PDF) 1 Page - IDEAL-TEK SA

Part # 2AB.SA.DR
Description  ESD Rubber Grip Tweezers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-TEK [IDEAL-TEK SA]
Direct Link  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA

2AB.SA.DR Datasheet(HTML) 1 Page - IDEAL-TEK SA

  2AB.SA.DR Datasheet HTML 1Page - IDEAL-TEK SA 2AB.SA.DR Datasheet HTML 2Page - IDEAL-TEK SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.ideal-tek.com
Switzerland
1
2AB.SA.DR
Tips: flat, round, curved. OAL: 120mm
2A.SA.DR
Tips: straight, flat, round. OAL: 125mm
00.SA.DR
Tips: straight, strong, thick. OAL: 120mm
3C.SA.DR
Tips: straight, sharp, fine. OAL: 110mm
5.SA.DR
Tips: straight, extra fine. OAL: 110mm
Anti-Acid/Anti-Magnetic SS (SA) - ESD RUBBER (DR)
Carbon Steel (C) - ESD RUBBER (DR)
4.SA.DR
Tips: straight, extra fine. OAL: 110mm
3.SA.DR
Tips: straight, very sharp, fine. OAL: 125mm
5A.SA.DR
Tips: straight, extra fine. OAL: 115mm
Soft ESD safe ergonomic cushion grips (resistivity 109 Ohm) provide enhanced operator comfort and reduced finger stress
when handling ESD sensitive components or small static items.
ESD Rubber GripTweezers


Similar Part No. - 2AB.SA.DR

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
2AB.SA.DC.0 IDEAL-TEK-2AB.SA.DC.0 Datasheet
525Kb / 1P
High Precision - Diamond Tip Tweezers
More results

Similar Description - 2AB.SA.DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM117 ETC2-SM117 Datasheet
3Mb / 4P
General Purpose Tweezers
44521 ETC-44521 Datasheet
264Kb / 3P
Professional Quality ESD Tweezers ESD SAFE ??STATIC DISSIPATIVE ??HYPO ALLERGENIC COATED ??TEXTURED GRIPPING SURFACE
49783 ETC2-49783 Datasheet
259Kb / 3P
Professional Quality Tweezers
logo
Amphenol Corporation
P-MUSB-2E151-0X5BP AMPHENOL-P-MUSB-2E151-0X5BP Datasheet
48Kb / 1P
RUBBER: SILICONE RUBBER
logo
SparkFun Electronics
TOL-10602 SPARKFUN-TOL-10602 Datasheet
107Kb / 1P
Tweezers ??Curved (ESD Safe)
5??6??7
TOL-10603 SPARKFUN-TOL-10603 Datasheet
99Kb / 1P
Tweezers ??Straight (ESD Safe)
5??6??7
TOL-12572 SPARKFUN-TOL-12572 Datasheet
75Kb / 1P
Tweezers - Curved (cross-lock, ESD Safe)
5??5??7
TOL-12573 SPARKFUN-TOL-12573 Datasheet
68Kb / 1P
Tweezers - Straight (cross-lock, ESD Safe)
5??5??7
logo
IDEAL-TEK SA
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
Diamond coated Tweezers
logo
Bertech.
2059R BERTECH-2059R Datasheet
169Kb / 1P
ESD Rubber Mats & Mat Kits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com